Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 139 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 139 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 135Page - Texas Instruments AM2434...ALV Datasheet HTML 136Page - Texas Instruments AM2434...ALV Datasheet HTML 137Page - Texas Instruments AM2434...ALV Datasheet HTML 138Page - Texas Instruments AM2434...ALV Datasheet HTML 139Page - Texas Instruments AM2434...ALV Datasheet HTML 140Page - Texas Instruments AM2434...ALV Datasheet HTML 141Page - Texas Instruments AM2434...ALV Datasheet HTML 142Page - Texas Instruments AM2434...ALV Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 280 page
background image
Table 7-12. BOOTMODE Timing Requirements
see Figure 7-12
NO.
PARAMETER
MIN
MAX UNIT
RST23 tsu(BOOTMODE-PORz_OUT)
Setup time, BOOTMODE[15:00] before
PORz_OUT high (External MCU PORz event or
Software SW_MAIN_PORz)
3*S(1)
ns
RST24 th(PORz_OUT - BOOTMODE)
Hold time, BOOTMODE[15:00] after PORz_OUT
high (External MCU PORz event, Software
SW_MAIN_PORz)
0
ns
(1)
S = MCU_OSC0_XI/XO clock period
Table 7-13. PORz_OUT Switching Characteristics
see Figure 7-12
NO.
PARAMETER
MIN
MAX UNIT
RST25 td(MCU_PORzL-PORz_OUT)
Delay time, MCU_PORz active (low) to
PORz_OUT active (low)
0
ns
RST26 td(MCU_PORzH-PORz_OUT)
Delay time, MCU_PORz inactive (high) to
PORz_OUT inactive (high)
0
ns
RST27 tw(PORz_OUTL)
Pulse Width Minimum PORz_OUT low
(MCU_PORz, SW_MAIN_PORz)
1200
ns
Figure 7-12. BOOTMODE Timing Requirements and PORz_OUT Switching Characteristics
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
139
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com