Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 206 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 202Page - Texas Instruments AM2434...ALV Datasheet HTML 203Page - Texas Instruments AM2434...ALV Datasheet HTML 204Page - Texas Instruments AM2434...ALV Datasheet HTML 205Page - Texas Instruments AM2434...ALV Datasheet HTML 206Page - Texas Instruments AM2434...ALV Datasheet HTML 207Page - Texas Instruments AM2434...ALV Datasheet HTML 208Page - Texas Instruments AM2434...ALV Datasheet HTML 209Page - Texas Instruments AM2434...ALV Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 280 page
background image
7.10.5.12.2.4 UHS–I SDR25 Mode
Table 7-83, Figure 7-71, Table 7-84, and Figure 7-72 present timing requirements and switching characteristics
for MMC1 – UHS-I SDR25 Mode.
Table 7-83. Timing Requirements for MMC1 – UHS-I SDR25 Mode
see Figure 7-71
NO.
MIN
MAX
UNIT
SDR251
tsu(cmdV-clkH)
Setup time, MMC1_CMD valid before MMC1_CLK rising edge
2.15
ns
SDR252
th(clkH-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK rising edge
1.67
ns
SDR253
tsu(dV-clkH)
Setup time, MMC1_DAT[3:0] valid before MMC1_CLK rising edge
2.15
ns
SDR254
th(clkH-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK rising edge
1.67
ns
MMC[ ]_CLK
x
MMC[ ]_CMD
x
MMC
DAT
[ ]_
[3:0]
x
SDR251
SDR252
SDR253
SDR254
Figure 7-71. MMC1 – UHS-I SDR25 – Receive Mode
Table 7-84. Switching Characteristics for MMC1 – UHS-I SDR25 Mode
see Figure 7-72
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC1_CLK
50
MHz
SDR255
tc(clk)
Cycle time, MMC1_CLK
20
ns
SDR256
tw(clkH)
Pulse duration, MMC1_CLK high
9.2
ns
SDR257
tw(clkL)
Pulse duration, MMC1_CLK low
9.2
ns
SDR258
td(clkL-cmdV)
Delay time, MMC1_CLK rising edge to MMC1_CMD transition
-7.1
3.1
ns
SDR259
td(clkL-dV)
Delay time, MMC1_CLK rising edge to MMC1_DAT[3:0] transition
-7.1
3.1
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ _
[3:0]
x]
SDR255
SDR257
SDR256
SDR258
SDR259
SDR258
SDR259
Figure 7-72. MMC1 – UHS-I SDR25 – Transmit Mode
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
206
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com