Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 216 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 216 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 212Page - Texas Instruments AM2434...ALV Datasheet HTML 213Page - Texas Instruments AM2434...ALV Datasheet HTML 214Page - Texas Instruments AM2434...ALV Datasheet HTML 215Page - Texas Instruments AM2434...ALV Datasheet HTML 216Page - Texas Instruments AM2434...ALV Datasheet HTML 217Page - Texas Instruments AM2434...ALV Datasheet HTML 218Page - Texas Instruments AM2434...ALV Datasheet HTML 219Page - Texas Instruments AM2434...ALV Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 280 page
background image
Table 7-98. OSPI0 Switching Characteristics – PHY SDR Mode
see Figure 7-83
NO.
PARAMETER
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, OSPI0_CLK
1.8V
7
ns
3.3V
6.03
ns
O8
tw(CLKL)
Pulse duration, OSPI0_CLK low
((0.475P(1)) - 0.3)
ns
O9
tw(CLKH)
Pulse duration, OSPI0_CLK high
((0.475P(1)) - 0.3)
ns
O10
td(CSn-CLK)
Delay time, OSPI0_CSn[3:0] active edge
to OSPI0_CLK rising edge
((0.475P(1)) +
(0.975M(2)R(4)) - 1)
((0.525P(1)) +
(1.025M(2)R(4)) + 1)
ns
O11
td(CLK-CSn)
Delay time, OSPI0_CLK rising edge to
OSPI0_CSn[3:0] inactive edge
((0.475P(1)) +
(0.975N(3)R(4)) - 1)
((0.525P(1)) +
(1.025N(3)R(4)) + 1)
ns
O12
td(CLK-D)
Delay time, OSPI0_CLK active edge to
OSPI0_D[7:0] transition
1.8V
-1.16
1.25
ns
3.3V
-1.33
1.51
ns
(1)
P = CLK cycle time = SCLK period in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = refclk cycle time in ns
OSPI_CLK
OSPI_TIMING_02
OSPI_CSn
O10
O11
O9
O8
O12
O7
OSPI_D[i:0]
Figure 7-83. OSPI0 Switching Characteristics – PHY SDR
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
216
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com