Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434...ALV Datasheet(PDF) 242 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 238Page - Texas Instruments AM2434...ALV Datasheet HTML 239Page - Texas Instruments AM2434...ALV Datasheet HTML 240Page - Texas Instruments AM2434...ALV Datasheet HTML 241Page - Texas Instruments AM2434...ALV Datasheet HTML 242Page - Texas Instruments AM2434...ALV Datasheet HTML 243Page - Texas Instruments AM2434...ALV Datasheet HTML 244Page - Texas Instruments AM2434...ALV Datasheet HTML 245Page - Texas Instruments AM2434...ALV Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 280 page
background image
7.10.5.18 UART
For more details about features and additional description information on the device Universal Asynchronous
Receiver Transmitter, see the corresponding subsections within Signal Descriptions and Detailed Description
sections.
Table 7-143. UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30(1)
pF
(1)
This value represents an absolute maximum load capacitance. As the UART baud rate increases, it may be necessary to reduce the
load capacitance to a value less than this maximum limit to provide enough timing margin for the attached device. The output rise/fall
times increase as capacitive load increases, which decreases the time data is valid for the receiver of the attached devices. Therefore,
it is important to understand the minimum data valid time required by the attached device at the operating baud rate. Then use the
device IBIS models to verify the actual load capacitance on the UART signals does not increase the rise/fall times beyond the point
where the minimum data valid time of the attached device is violated.
Table 7-144. UART Timing Requirements
see Figure 7-114
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(RXD)
Pulse width, receive data bit high or low
0.95U(1)
(2)
1.05U(1)
(2)
ns
2
tw(RXDS)
Pulse width, receive start bit low
0.95U(1)
(2)
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
(2)
This value defines the data valid time, where the input voltage is required to be above VIH or below VIL.
Table 7-145. UART Switching Characteristics
see Figure 7-114
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Programmable baud rate for Main Domain UARTs
12
Mbps
Programmable baud rate for MCU Domain UARTs
3.7
Mbps
3
tw(TXD)
Pulse width, transmit data bit high or low
U(1) - 2.2 U(1) + 2.2
ns
4
tw(TXDS)
Pulse width, transmit start bit low
U(1) - 2.2
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
UARTi_TXD
4
Start
Bit
Data Bits
3
UARTi_RXD
2
Data Bits
Bit
Start
1
V
IH
V
IL
UART_TIMING_01_RCVRVIHVIL
Figure 7-114. UART Timing Requirements and Switching Characteristics
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
242
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com