Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC2T45 Datasheet HTML 1Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
4 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Electrical Characteristics (@TA = +25°C.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-Level Output Voltage
VI = VIH or VIL
; IO = -3mA; VCCO = 1.2V
—
1.09
—
V
VOL
LOW-Level Output Voltage
VI = VIH or VIL
; IO = 3mA; VCCO = 1.2V
—
0.07
—
V
II
Input Leakage Current
DIR Input; VI = 0V to 5.5V;
VCCI = 1.2V to 5.5V
—
—
±1
μA
IOZ
OFF-State Output Current
A or B Port; VO = 0 V or VCCO
;
VCCO = 1.2V to 5.5V
—
—
±1
μA
IOFF
Power-Off Leakage Current
A Port; VI or VO = 0 V to 5.5 V;
VCC(A) = 0 V; VCC(B) = 1.2V to 5.5V
—
—
±1
μA
B Port; VI or VO = 0V to 5.5V;
VCC(B) = 0 V; VCC(A) = 1.2V to 5.5V
—
—
±1
μA
CI
Input Capacitance
DIR Input; VI = 0V or 3.3V;
VCC(A) = VCC(B) = 3.3V
—
2.2
—
pF
CI/O
Input/Output Capacitance
A and B Port; Suspend Mode;
VO = 3.3V or 0V; VCC(A) = VCC(B) = 3.3V
—
6.0
—
pF
Electrical Characteristics (continued) (@T
A = +25°
C.)
Symbol
Parameter
Conditions
-40°C to +85°C
-40°C to +125°C
Unit
Min
Max
Min
Max
VIH
HIGH-Level
Input Voltage
Data Input
VCCI = 1.2V
0.8VCCI
—
0.8VCCI
—
V
VCCI = 1.4V to 1.95V
0.65VCCI
—
0.65VCCI
—
V
VCCI = 2.3V to 2.7V
1.7
—
1.7
—
V
VCCI = 3.0V to 3.6V
2.0
—
2.0
—
V
VCCI = 4.5V to 5.5V
0.7
VCCI
—
0.7
VCCI
—
V
DIR Input
VCCI = 1.2V
0.8VCC(A)
—
0.8VCC(A)
—
V
VCCI = 1.4V to 1.95V
0.65VCC(A)
—
0.65VCC(A)
—
V
VCCI = 2.3V to 2.7V
1.7
—
1.7
—
V
VCCI = 3.0V to 3.6V
2.0
—
2.0
—
V
VCCI = 4.5V to 5.5V
0.7VCC(A)
—
0.7VCC(A)
—
V
VIL
LOW-Level Input
Voltage
Data Input
VCCI = 1.2V
—
0.2
VCCI
—
0.2
VCCI
V
VCCI = 1.4V to 1.95V
—
0.35
VCCI
—
0.35
VCCI
V
VCCI = 2.3V to 2.7V
—
0.7
—
0.7
V
VCCI = 3.0V to 3.6V
—
0.8
—
0.8
V
VCCI = 4.5V to 5.5V
—
0.3
VCCI
—
0.3
VCCI
V
DIR Input
VCCI = 1.2V
—
0.2VCC(A)
—
0.2VCC(A)
V
VCCI = 1.4V to 1.95V
—
0.35VCC(A)
—
0.35VCC(A)
V
VCCI = 2.3V to 2.7V
—
0.7
—
0.7
V
VCCI = 3.0V to 3.6V
—
0.8
—
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com