Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC2T45 Datasheet HTML 1Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
1 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
DUAL BIT DUAL POWER SUPPLY TRANSLATING
TRANSCEIVER WITH 3 STATE OUTPUTS
Description
The 74LVC2T45 is a dual-bit, dual-supply transceiver with tri-state
outputs suitable for transmitting two logic bits across different
voltage domains. The direction pin (DIR) and Port A, consisting of
pins 1A and 2A, have logic levels in relation to VCC(A) while port B,
consisting of pins 1B and 2B have logic levels related to VCC(B).
This arrange- ment allows for universal low-voltage translation
between any voltages from 1.2V to 5.5V. When a HIGH logic level
is applied to the direction pin, port A pins become inputs and port B
pins are outputs. Conversely, the roles of the ports are reversed
when the direction pin is asserted LOW.
The tri-state (Ioff) feature places all port pins in a high impedance
state when either power supply is at 0V, which prevents and
damages backflow currents and provides power-down electrical
isolation up to 5.5V as not to interfere with any logic activity on
either of the ports.
Features
 Wide Supply Voltage Range:
VCC(A): from 1.2V to 5.5V
VCC(B): from 1.2V to 5.5V
 ±24mA Output Drive at 3.3V
 CMOS Low Power Consumption 16µA Maximum ICC
 High Noise Immunity
 IOFF Supports Partial-Power-Down Mode Operation
 IOFF Controlled by Either VCC Being at 0V
 Inputs Accept up to 5.5V
 Maximum data rates:
420Mbps (3.3V to 5V translation)
210Mbps (translate to 3.3V)
140Mbps (translate to 2.5V)
75Mbps (translate to 1.8V)
60Mbps (translate to 1.5V)
 ESD Protection Exceeds JESD 22
4000-V Human Body Model (A114)
1000 V Charged Device Model ( C101)
 Latch-up Exceeds 100mA per JESD 78, Class I
 Specified from -40°C to +85°C and -40°C to +125°C
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
1B
GND
( Top View )
1
2
3
4
5
6
7
8
2B
1A
2A
DIR
X2-DFN1210-8
X2-DFN1410-8
V (A)
CC
V (B)
CC
Applications
Voltage Level Translation
Well-Suited to Join Logic Types Operating at Different Voltages
Power-Down Signal Isolation
If Either Voltage Domain is Turned Off the Signal is Isolated and
There is No Loading on Signal Lines
Wide Array of Products, such as:
Cell Phones, Tablets, E-Readers
PCs, Notebooks, Netbooks, Ultrabooks
Networking, Routers, Gateways
Computer Peripherals, Hard Drives, CD/DVD ROM
TV, DVD, DVR, Set-Top Box
Personal Navigation / GPS
MP3 Players, Cameras, Video Recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
74LVC2T45 PHILIPS-74LVC2T45 Datasheet
1Mb / 36P
Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
logo
SG Micro Corp
74LVC2T45 SGMICRO-74LVC2T45 Datasheet
803Kb / 15P
2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation
JANUARY 2023 - REV. A.1
logo
Nexperia B.V. All right...
74LVC2T45-Q100 NEXPERIA-74LVC2T45-Q100 Datasheet
377Kb / 30P
Dual supply translating transceiver; 3-state
More results

Similar Description - 74LVC2T45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Diodes Incorporated
74LVC1T45 DIODES-74LVC1T45 Datasheet
376Kb / 14P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
Rev ersed
logo
Fairchild Semiconductor
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
logo
Diodes Incorporated
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com