Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC2T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 10Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
7 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Switching Characteristics (continued) (VCC (A) = 1.5V ±0.1V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.8
21.3
2.4
17.6
2.0
13.5
1.7
11.8
1.6
10.5
ns
B
A
2.8
21.3
2.6
19.1
2.3
14.9
2.3
12.4
2.2
12.0
tpHL
A
B
2.6
19.3
2.2
15.3
1.8
11.8
1.7
10.9
1.7
10.8
ns
B
A
2.6
19.3
2.4
17.3
2.3
13.2
2.2
11.3
2.3
11.0
tpHZ
DIR
A
3.0
18.7
3.0
18.7
3.0
18.7
3.0
18.7
3.0
18.7
ns
DIR
B
3.5
24.8
3.5
23.6
3.0
11.0
3.3
11.3
2.8
10.3
tpLZ
DIR
A
2.4
11.4
2.4
11.4
2.4
11.4
2.4
11.4
2.4
11.4
ns
DIR
B
2.8
18.3
3.0
17.2
2.5
9.4
3.0
10.1
2.5
9.4
tpZH
DIR
A
—
39.6
—
36.3
—
24.3
—
22.5
—
21.4
ns
DIR
B
—
32.7
—
29.0
—
24.9
—
23.2
—
21.9
tpZL
DIR
A
—
44.1
—
40.9
—
24.2
—
22.6
—
21.3
ns
DIR
B
—
38.0
—
34.0
—
30.5
—
29.6
—
29.5
Switching Characteristics (continued) (VCC (A) = 1.8V ±0.15V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.6
19.1
2.2
17.7
2.2
9.3
1.7
7.2
1.4
6.8
ns
B
A
2.4
17.6
2.2
17.7
2.3
16.0
2.1
15.5
1.9
15.1
tpHL
A
B
2.4
17.3
2.0
14.3
1.6
8.5
1.8
7.1
1.7
7.0
ns
B
A
2.2
15.3
2.0
14.3
2.1
12.9
2.0
12.6
1.8
12.2
tpHZ
DIR
A
2.9
17.1
2.9
17.1
2.9
17.1
2.9
17.1
2.9
17.1
ns
DIR
B
3.2
24.1
3.2
21.9
2.7
11.5
3.0
10.3
2.5
8.2
tpLZ
DIR
A
2.4
10.5
2.4
10.5
2.4
10.5
2.4
10.5
2.4
10.5
ns
DIR
B
2.5
17.6
2.6
16.0
2.2
9.2
2.7
8.4
2.4
7.1
tpZH
DIR
A
—
35.2
—
33.7
—
25.2
—
23.9
—
22.2
ns
DIR
B
—
29.6
—
28.2
—
19.8
—
17.7
—
17.3
tpZL
DIR
A
—
39.4
—
36.2
—
24.4
—
22.9
—
20.4
ns
DIR
B
—
34.4
—
31.4
—
25.6
—
24.2
—
24.1
Switching Characteristics (continued) (VCC (A) = 2.5V ±0.2V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.3
17.9
2.3
16.0
1.5
8.5
1.3
6.2
1.1
4.8
ns
B
A
2.0
13.5
2.2
9.3
1.5
8.5
1.4
8.0
1.0
7.5
tpHL
A
B
2.3
15.8
2.1
12.9
1.4
7.5
1.3
5.4
0.9
4.6
ns
B
A
1.8
11.8
1.9
8.5
1.4
7.5
1.3
7.0
0.9
6.2
tpHZ
DIR
A
2.1
8.1
2.1
8.1
2.1
8.1
2.1
8.1
2.1
8.1
ns
DIR
B
3.0
22.5
3.0
21.4
2.5
11.0
2.8
9.3
2.3
6.9
tpLZ
DIR
A
1.7
5.8
1.7
5.8
1.7
5.8
1.7
5.8
1.7
5.8
ns
DIR
B
2.3
14.6
2.5
13.2
2.0
9.0
2.5
8.4
1.8
5.8
tpZH
DIR
A
—
28.1
—
22.5
—
17.5
—
16.4
—
13.3
ns
DIR
B
—
23.7
—
21.8
—
14.3
—
12.0
—
10.6
tpZL
DIR
A
—
34.3
—
29.9
—
18.5
—
16.3
—
13.1
ns
DIR
B
—
23.9
—
21.0
—
15.6
—
13.5
—
12.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com