Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 10Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 11Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 12Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
9 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Switching Characteristics (continued) (VCC (A) = 1.8V ±0.15V, TA = -40°C to +125°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.3
21.1
1.9
19.5
1.9
10.3
1.5
8.0
1.2
7.5
ns
B
A
2.1
19.4
1.9
19.5
2.0
17.6
1.8
17.1
1.7
16.7
tpHL
A
B
2.1
19.1
1.8
15.8
1.4
9.4
1.6
7.9
1.5
7.7
ns
B
A
1.9
16.9
1.8
15.8
1.8
14.2
1.8
13.9
1.6
13.5
tpHZ
DIR
A
2.6
18.9
2.6
18.9
2.6
18.9
2.6
18.9
2.6
18.9
ns
DIR
B
2.8
26.6
2.8
24.1
2.4
12.7
2.7
11.4
2.2
9.1
tpLZ
DIR
A
2.1
11.6
2.1
11.6
2.1
11.6
2.1
11.6
2.1
11.6
ns
DIR
B
2.2
19.4
2.3
17.6
1.9
10.2
2.4
9.3
2.1
7.9
tpZH
DIR
A
—
38.8
—
37.1
—
27.8
—
26.4
—
24.6
ns
DIR
B
—
32.7
—
31.1
—
21.9
—
19.6
—
19.1
tpZL
DIR
A
—
43.5
—
39.9
—
26.9
—
25.3
—
22.6
ns
DIR
B
—
38.0
—
34.7
—
28.3
—
26.8
—
26.6
Switching Characteristics (continued) (VCC (A) = 2.5V ±0.2V, TA = -40°C to +125°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.0
19.7
2.0
17.6
1.3
9.4
1.1
6.9
0.9
5.3
ns
B
A
1.8
14.9
1.9
10.3
1.3
9.4
1.2
8.8
0.9
8.3
tpHL
A
B
2.0
17.4
1.8
14.2
1.2
8.3
1.1
6.0
0.8
5.1
ns
B
A
1.6
13.0
1.7
9.4
1.2
8.3
1.1
7.7
0.8
6.9
tpHZ
DIR
A
1.8
9.0
1.8
9.0
1.8
9.0
1.8
9.0
1.8
9.0
ns
DIR
B
2.7
24.8
2.7
23.6
2.2
12.1
2.5
10.3
2.0
7.6
tpLZ
DIR
A
1.5
6.4
1.5
6.4
1.5
6.4
1.5
6.4
1.5
6.4
ns
DIR
B
2.0
16.1
2.2
14.6
1.8
9.9
2.2
9.3
1.6
6.4
tpZH
DIR
A
—
31.0
—
24.9
—
19.3
—
18.1
—
14.7
ns
DIR
B
—
26.1
—
24.0
—
15.8
—
13.3
—
11.7
tpZL
DIR
A
—
37.8
—
33.0
—
20.4
—
18.0
—
14.5
ns
DIR
B
—
26.4
—
23.2
—
17.3
—
15.0
—
14.1
Switching Characteristics (continued) (VCC (A) = 3.3V ±0.3V, TA = -40°C to +125°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.0
18.9
1.8
17.1
1.2
8.8
0.7
6.2
0.6
4.9
ns
B
A
1.5
13.0
1.5
8.0
1.1
6.9
0.6
6.2
0.5
6.0
tpHL
A
B
1.9
17.2
1.8
13.9
1.1
7.7
0.7
5.5
0.6
4.4
ns
B
A
1.5
12.0
1.6
7.9
1.1
6.0
0.7
5.5
0.6
5.0
tpHZ
DIR
A
2.0
8.1
2.0
8.1
2.0
8.1
2.0
8.1
2.4
8.1
ns
DIR
B
2.6
19.8
2.6
18.2
2.0
11.2
2.4
9.5
1.9
7.0
tpLZ
DIR
A
1.8
6.2
1.8
6.2
1.8
6.2
1.8
6.2
1.8
6.2
ns
DIR
B
2.0
15.0
2.1
13.8
1.7
8.6
2.0
7.9
1.5
5.4
tpZH
DIR
A
—
28.0
—
21.8
—
15.5
—
14.1
—
11.4
ns
DIR
B
—
25.1
—
23.3
—
15.0
—
12.4
—
11.1
tpZL
DIR
A
—
31.8
—
26.1
—
17.2
—
15.0
—
12.0
ns
DIR
B
—
25.3
—
22.0
—
15.8
—
13.6
—
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com