Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 10Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 11Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 12Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 13Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 14Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
12 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Ordering Information
74 LVC 2T 45 X - 7
RA3: X2-DFN1210-8
HK3: X2-DFN1410-8
74: Logic Prefix
LVC: 1.2 to 5.5V
Family
2T: Dual gate
With Voltage
Translation
45: Transceiver
with direction
control
Function
Package
Packing
7": Tape & Reel
Logic Device
Part Number
Package Code
Packaging
7” Tape and Reel (Note 7)
Quantity
Part Number Suffix
74LVC2T45RA3-7
RA3
X2-DFN1210-8
5000/Tape & Reel
-7
74LVC2T45HK3-7
HK3
X2-DFN1410-8
5000/Tape & Reel
-7
Note:
17. The taping orientation is located on our website at http://www.diodes.com/package-outlines.html.
Marking Information
(1) X2-DFN1210-8
(Top View)
Y W X
XX
XX : Identification Code
X : Internal Code
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74LVC2T45RA3-7
X2-DFN1210-8
4A
(2) X2-DFN1410-8
(Top View)
Y W X
XX
XX : Identification Code
X : Internal Code
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74LVC2T45HK3-7
X2-DFN1410-8
4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com