Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC2T45 Datasheet HTML 1Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
2 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Pin Descriptions
Pin Name
Pin
Function
VCC(A)
1
Supply for I/O Pin A; Reference for DIR
1A
2
Data Input/Output
2A
3
Data Input/Output
GND
4
Ground
DIR
5
Direction Control
2B
6
Data Input/Output
1B
7
Data Input/Output
VCC(B)
8
Supply for I/O Pin B
Logic Diagram
DIR
1A
1B
VCC(A)
VCC(B)
2A
2B
Function Tables
Input
DIR (Direction Pin)
Operation
L
B Data to A Output
H
A Data to B Output
Inputs
Outputs
A
B
DIR
A
B
Note 4
L
L
L
Note 4
Note 4
H
L
H
Note 4
L
Note 4
H
Note 4
L
H
Note 4
H
Note 4
H
Note:
4. Pin condition not applicable as defined by DIR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com