Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 3 Page - Diodes Incorporated

  74LVC2T45 Datasheet HTML 1Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
3 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Absolute Maximum Ratings (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
4
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
VCC(A), VCC(B)
Supply Voltage Range
-0.5 to +6.5
V
VI
Input Voltage Range
-0.5 to +6.5
V
VO
Voltage Applied to Output in High Impedance or IOFF State
-0.5 to +6.5
V
VO
Voltage Applied to Output in High or Low State
A Pin
-0.3 to VCC(A) +0.5
V
B Pin
-0.3 to VCC(B) +0.5
V
IIK
Input Clamp Current VI < 0
-50
mA
IOK
Output Clamp Current
-50
mA
IO
Continuous Output Current
±50
mA
—
Continuous Current Through VCC or GND
±100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Note:
5. Stresses beyond the absolute maximum can result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
Recommended Operating Conditions (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
Supply Voltage A
—
1.2
5.5
V
VCC(B)
Supply Voltage B
—
1.2
5.5
V
VI
Input Voltage
—
0
5.5
V
VO
Output Voltage
Active Mode
(Note 6)
0
VCCO
V
Suspend or 3-State Mode
0
5.5
V
TA
Ambient Temperature
—
-40
+125
°C
Δt/ΔV
Input Transition Rise and Fall Rate
VCCI = 1.2V
(Note 7)
—
20
ns/V
VCCI = 1.4V to 1.95V
—
20
ns/V
VCCI = 2.3V to 2.7V
—
20
ns/V
VCCI = 3V to 3.6V
—
10
ns/V
VCCI = 4.5V to 5.5V
—
5
ns/V
Notes:
6. VCCO is the supply voltage associated with the output port.
7. VCCI is the supply voltage associated with the input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com