Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC2T45 Datasheet HTML 1Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
5 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Electrical Characteristics (continued) (@T
A = +25°
C.)
Symbol
Parameter
Conditions
-40°C to +85°C
-40°C to +125°C
Unit
Min
Max
Min
Max
VOH
HIGH-Level
Output Voltage
VI = VIH
IO = -100μA;
VCCO = 1.2V to 4.5V
VCCO - 0.1
—
VCCO - 0.1
—
V
IO = -6mA; VCCO = 1.4V
1.0
—
1.0
—
V
IO = -8mA; VCCO = 1.65V
1.2
—
1.2
—
V
IO = -12mA; VCCO = 2.3V
1.9
—
1.9
—
V
IO = -24mA; VCCO = 3.0V
2.4
—
2.4
—
V
IO = -32mA; VCCO = 4.5V
3.8
—
3.8
—
V
VOL
LOW-Level
Output Voltage
VI = VIL
IO = 100μA;
VCCO = 1.2V to 4.5V
—
0.1
—
0.1
V
IO = 6mA; VCCO = 1.4V
—
0.3
—
0.3
V
IO = 8mA; VCCO = 1.65V
—
0.45
—
0.45
V
IO = 12mA; VCCO = 2.3V
—
0.3
—
0.3
V
IO = 24mA; VCCO = 3.0V
—
0.55
—
0.55
V
IO = 32mA; VCCO = 4.5V
—
0.55
—
0.55
V
II
Input Leakage
Current
DIR Input; VI = 0V to 5.5V;
VCCI = 1.2V to 5.5V
—
±2
—
±10
μA
IOZ
OFF-State Output
Current
A or B Port; VO = 0V or VCCO;
VCCO = 1.2V to 5.5V
—
±2
—
±10
μA
IOFF
Power-Off
Leakage Current
A Port; VI or VO = 0V to 5.5V;
VCC(A) = 0V ; VCC(B) = 1.2V to 5.5V
—
±2
—
±10
μA
B Port; VI or VO = 0V to 5.5V;
VCC(B) = 0V; VCC(A) = 1.2V to 5.5V
—
±2
—
±10
μA
ICC
Supply Current
A Port; VI = 0V or VCCI; IO = 0A
—
—
—
—
—
VCC(A), VCC(B) = 1.2V to 5.5V
—
8
—
8
μA
VCC(A), VCC(B) = 1.65V to 5.5V
—
3
—
3
μA
VCC(A) = 5.5V ; VCC(B) = 0V
—
2
—
2
μA
VCC(A) = 0V ; VCC(B) = 5.5V
-2
—
-2
—
μA
B Port; VI = 0V or VCCI; IO = 0A
—
—
—
—
—
VCC(A), VCC(B) = 1.2V to 5.5V
—
8
—
8
μA
VCC(A), VCC(B) = 1.65V to 5.5V
—
3
—
3
μA
VCC(A) = 5.5V ; VCC(B) = 0V
-2
—
-2
—
μA
VCC(A) = 0V ; VCC(B) = 5.5V
—
2
—
2
μA
A Plus B Port (ICC(A) + ICC(B)); IO = 0A;
VI = 0V or VCCI
—
—
—
—
—
VCC(A), VCC(B) = 1.2V to 5.5V
—
16
—
16
μA
VCC(A), VCC(B) = 1.65V to 5.5V
—
4
—
4
μA
ΔICC
Additional Supply
Current
Per Input;
VCC(A), VCC(B) = 3.0V to 5.5V
—
—
—
—
—
A Port; A Port at VCC(A)-0.6V;
DIR at VCC(A); B Port = Open
—
50
—
75
μA
DIR Input; DIR at VCC(A)-0.6V;
A Port at VCC(A) or GND; B Port = Open
—
50
—
75
μA
B Port; B Port at VCC(B)V -0.6V;
DIR at GND; A Port = Open
—
50
—
75
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com