Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 10Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 11Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 12Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 13Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
10 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Switching Characteristics (continued) (VCC (A) = 5.0V ±0.5V, TA = -40°C to +125°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
1.9
18.3
1.7
16.7
0.9
8.3
0.6
6.0
0.4
4.3
ns
B
A
1.4
11.6
1.2
7.5
0.9
5.3
0.6
4.9
0.4
4.3
tpHL
A
B
2.0
16.9
1.6
13.5
0.9
6.9
0.6
5.0
0.4
3.9
ns
B
A
1.5
11.9
1.5
7.7
0.8
5.1
0.6
4.4
0.4
3.9
tpHZ
DIR
A
1.5
6.0
1.5
6.0
1.5
6.0
1.5
6.0
1.5
6.0
ns
DIR
B
2.6
19.1
2.6
17.8
2.0
10.7
2.4
8.8
2.2
6.3
tpLZ
DIR
A
1.2
4.1
1.2
4.1
1.1
4.1
0.9
4.1
0.8
4.1
ns
DIR
B
2.0
14.5
2.1
13.4
1.7
8.2
2.0
7.7
1.6
5.0
tpZH
DIR
A
—
26.1
—
20.9
—
13.5
—
12.6
—
9.3
ns
DIR
B
—
22.4
—
20.8
—
12.4
—
10.1
—
8.4
tpZL
DIR
A
—
31.0
—
25.5
—
15.8
—
13.2
—
10.2
ns
DIR
B
—
22.9
—
19.5
—
12.9
—
11.0
—
9.9
Operating Characteristics (TA = +25°C, unless otherwise specified.)
Parameter
Power Dissipation Capacitance
Test
Conditions
VCC(A) =
VCC(B) = 1.8V
VCC(A) =
VCC(B) = 2.5V
VCC(A) =
VCC(B) = 3.3V
VCC(A) =
VCC(B) = 5V
Unit
Typ
Typ
Typ
Typ
Cpd (A)
A- Input, B- Output
CL = 0pF
f = 10MHz
tR = tF = 1ns
3
4
4
4
pF
B- Input, A- Output
18
19
20
21
Cpd (B)
A- Input, B- Output
CL = 0pF
f = 10 MHz
tR = tF = 1ns
18
19
20
21
pF
B- Input, A- Output
3
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com