Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 10Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 11Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
8 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Switching Characteristics (continued) (VCC (A) = 3.3V ±0.3V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.3
17.1
2.1
15.5
1.4
8.0
0.8
5.6
0.7
4.4
ns
B
A
1.7
11.8
1.7
7.2
1.3
6.2
0.7
5.6
0.6
5.4
tpHL
A
B
2.2
15.6
2.0
12.6
1.3
7.0
0.8
5.0
0.7
4.0
ns
B
A
1.7
10.9
1.8
7.1
1.3
5.4
0.8
5.0
0.7
4.5
tpHZ
DIR
A
2.3
7.3
2.3
7.3
2.3
7.3
2.3
7.3
2.7
7.3
ns
DIR
B
2.9
18.0
2.9
16.5
2.3
10.1
2.7
8.6
2.2
6.3
tpLZ
DIR
A
2.0
5.6
2.0
5.6
2.0
5.6
2.0
5.6
2.0
5.6
ns
DIR
B
2.3
13.6
2.4
12.5
1.9
7.8
2.3
7.1
1.7
4.9
tpZH
DIR
A
—
25.4
—
19.7
—
14.0
—
12.7
—
10.3
ns
DIR
B
—
22.7
—
21.1
—
13.6
—
11.2
—
10.0
tpZL
DIR
A
—
28.9
—
23.6
—
15.5
—
13.6
—
10.8
ns
DIR
B
—
22.9
—
19.9
—
14.3
—
12.3
—
11.3
Switching Characteristics (continued) (VCC (A) = 5.0V ±0.5V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.2
16.6
1.9
15.1
1.0
7.5
0.7
5.4
0.5
3.9
ns
B
A
1.6
10.5
1.4
6.8
1.0
4.8
0.7
4.4
0.5
3.9
tpHL
A
B
2.3
15.3
1.8
12.2
1.0
6.2
0.7
4.5
0.5
3.5
ns
B
A
1.7
10.8
1.7
7.0
0.9
4.6
0.7
4.0
0.5
3.5
tpHZ
DIR
A
1.7
5.4
1.7
5.4
1.7
5.4
1.7
5.4
1.7
5.4
ns
DIR
B
2.9
17.3
2.9
16.1
2.3
9.7
2.7
8.0
2.5
5.7
tpLZ
DIR
A
1.4
3.7
1.4
3.7
1.3
3.7
1.0
3.7
0.9
3.7
ns
DIR
B
2.3
13.1
2.4
12.1
1.9
7.4
2.3
7.0
1.8
4.5
tpZH
DIR
A
—
23.6
—
18.9
—
12.2
—
11.4
—
8.4
ns
DIR
B
—
20.3
—
18.8
—
11.2
—
9.1
—
7.6
tpZL
DIR
A
—
28.1
—
23.1
—
14.3
—
12.0
—
9.2
ns
DIR
B
—
20.7
—
17.6
—
11.6
—
9.9
—
8.9
Switching Characteristics (continued) (VCC (A) = 1.5V ±0.1V, TA = -40°C to +125°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.5V
±0.1V
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.5
23.5
2.1
19.4
1.8
14.9
1.5
13.0
1.4
11.6
ns
B
A
2.5
23.5
2.3
21.1
2.0
16.4
2.0
13.7
1.9
13.2
tpHL
A
B
2.3
21.3
1.9
16.9
1.6
13.0
1.5
12.0
1.5
11.9
ns
B
A
2.3
21.3
2.1
19.1
2.0
14.6
1.9
12.5
2.0
12.1
tpHZ
DIR
A
2.7
20.6
2.7
20.6
2.7
20.6
2.7
20.6
2.7
20.6
ns
DIR
B
3.1
27.3
3.1
26.0
2.7
12.1
2.9
12.5
2.5
11.4
tpLZ
DIR
A
2.1
12.6
2.1
12.6
2.1
12.6
2.1
12.6
2.1
12.6
ns
DIR
B
2.5
20.2
2.7
19.0
2.2
10.4
2.7
11.2
2.2
10.4
tpZH
DIR
A
—
43.7
—
40.1
—
26.8
—
24.9
—
23.6
ns
DIR
B
—
36.1
—
32.0
—
27.5
—
25.6
—
24.2
tpZL
DIR
A
—
48.6
—
45.1
—
26.7
—
25.0
—
23.5
ns
DIR
B
—
41.9
—
37.5
—
33.6
—
32.6
—
32.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com