Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 18 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 18 Page - Microchip Technology

Back Button DO16 Datasheet HTML 14Page - Microchip Technology DO16 Datasheet HTML 15Page - Microchip Technology DO16 Datasheet HTML 16Page - Microchip Technology DO16 Datasheet HTML 17Page - Microchip Technology DO16 Datasheet HTML 18Page - Microchip Technology DO16 Datasheet HTML 19Page - Microchip Technology DO16 Datasheet HTML 20Page - Microchip Technology DO16 Datasheet HTML 21Page - Microchip Technology DO16 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 18
 2016-2018 Microchip Technology Inc.
TABLE 1-2:
DEVICE FEATURES FOR THE PIC24FJXXXGA70X: 44-PIN AND 48-PIN DEVICES
Features
PIC24FJ64GA70X
PIC24FJ128GA70X
PIC24FJ256GA70X
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
64K
128K
256K
Program Memory
(instruction words, 24 bits)
22,528
45,056
88,064
Data Memory (bytes)
16K
Interrupt Sources
(soft vectors/NMI traps)
124
I/O Ports
Ports A, B, C
Total I/O Pins:
44-pin
35
35
35
48-pin
39
39
39
Remappable Pins:
44-pin
29 (29 I/Os, 0 inputs only)
48-pin
33 (29 I/Os, 4 inputs only)
DMA (6-channel)
1
16-Bit Timers
3(1)
Real-Time Clock and Calendar
(RTCC)
Yes
Cyclic Redundancy Check (CRC)
Yes
Input Capture Channels
3(1)
Output Compare/PWM Channels
3(1)
Input Change Notification Interrupt
25 (remappable pins)
Serial Communications:
UART
2(1)
SPI (3-wire/4-wire)
3(1)
I2C
2
Configurable Logic Cell (CLC)
2(1)
Parallel Communications
(EPMP/PSP)
Yes
Capture/Compare/PWM/Timer
Modules (MCCP)
4 Modules
1 (6-output), 3 (2-output)
JTAG Boundary Scan
Yes
10/12-Bit Analog-to-Digital Converter
(A/D) Module (input channels)
14
Analog Comparators
3
CTMU Interface
Yes
Universal Serial Bus Controller
No
Resets (and delays)
Core POR, VDD POR, BOR, RESET Instruction,
MCLR, WDT, Illegal Opcode, REPEAT Instruction,
Hardware Traps, Configuration Word Mismatch
(OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
44-Pin TQFP, 48-Pin TQFP and UQFN
Note 1:
Some peripherals are accessible through remappable pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com