Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 64 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 64 Page - Microchip Technology

Back Button DO16 Datasheet HTML 60Page - Microchip Technology DO16 Datasheet HTML 61Page - Microchip Technology DO16 Datasheet HTML 62Page - Microchip Technology DO16 Datasheet HTML 63Page - Microchip Technology DO16 Datasheet HTML 64Page - Microchip Technology DO16 Datasheet HTML 65Page - Microchip Technology DO16 Datasheet HTML 66Page - Microchip Technology DO16 Datasheet HTML 67Page - Microchip Technology DO16 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 64
 2016-2018 Microchip Technology Inc.
5.1
Summary of DMA Operations
The DMA Controller is capable of moving data between
addresses according to a number of different parameters.
Each of these parameters can be independently
configured for any transaction; in addition, any or all of
the DMA channels can independently perform a differ-
ent transaction at the same time. Transactions are
classified by these parameters:
• Source and destination (SFRs and data RAM)
• Data size (byte or word)
• Trigger source
• Transfer mode (One-Shot, Repeated or
Continuous)
• Addressing modes (Fixed Address or Address
Blocks, with or without Address Increment/
Decrement)
In addition, the DMA Controller provides channel priority
arbitration for all channels.
5.1.1
SOURCE AND DESTINATION
Using the DMA Controller, data may be moved between
any two addresses in the Data Space. The SFR space
(0000h to 07FFh), or the data RAM space (0800h to
FFFFh), can serve as either the source or the destina-
tion. Data can be moved between these areas in either
direction or between addresses in either area. The four
different combinations are shown in Figure 5-2.
If it is necessary to protect areas of data RAM, the DMA
Controller allows the user to set upper and lower address
boundaries for operations in the Data Space above the
SFR space. The boundaries are set by the DMAH and
DMAL Limit registers. If a DMA channel attempts an
operation outside of the address boundaries, the
transaction is terminated and an interrupt is generated.
5.1.2
DATA SIZE
The DMA Controller can handle both 8-bit and 16-bit
transactions. Size is user-selectable using the SIZE bit
(DMACHn<1>). By default, each channel is configured
for word-sized transactions. When byte-sized transac-
tions are chosen, the LSb of the source and/or
destination address determines if the data represents
the upper or lower byte of the data RAM location.
5.1.3
TRIGGER SOURCE
The DMA Controller can use any one of the device’s
interrupt sources to initiate a transaction. The DMA
Trigger sources are listed in reverse order of their
natural interrupt priority and are shown in Table 5-1.
Since the source and destination addresses for any
transaction can be programmed independently of the
trigger source, the DMA Controller can use any trigger
to perform an operation on any peripheral. This also
allows DMA channels to be cascaded to perform more
complex transfer operations.
5.1.4
TRANSFER MODE
The DMA Controller supports four types of data
transfers, based on the volume of data to be moved for
each trigger.
• One-Shot: A single transaction occurs for each
trigger.
• Continuous: A series of back-to-back transactions
occur for each trigger; the number of transactions
is determined by the DMACNTn transaction
counter.
• Repeated One-Shot: A single transaction is
performed repeatedly, once per trigger, until the
DMA channel is disabled.
• Repeated Continuous: A series of transactions
are performed repeatedly, one cycle per trigger,
until the DMA channel is disabled.
All transfer modes allow the option to have the source
and destination addresses, and counter value automat-
ically reloaded after the completion of a transaction.
Repeated mode transfers do this automatically.
5.1.5
ADDRESSING MODES
The DMA Controller also supports transfers between
single addresses or address ranges. The four basic
options are:
• Fixed-to-Fixed: Between two constant addresses
• Fixed-to-Block: From a constant source address
to a range of destination addresses
• Block-to-Fixed: From a range of source addresses
to a single, constant destination address
• Block-to-Block: From a range to source
addresses to a range of destination addresses
The option to select auto-increment or auto-decrement
of source and/or destination addresses is available for
Block Addressing modes.
In addition to the four basic modes, the DMA Controller
also supports Peripheral Indirect Addressing (PIA)
mode, where the source or destination address is gen-
erated jointly by the DMA Controller and a PIA capable
peripheral. When enabled, the DMA channel provides
a base source and/or destination address, while the
peripheral provides a fixed range offset address.
For PIC24FJ256GA705 family devices, the 12-bit A/D
Converter module is the only PIA capable peripheral.
Details for its use in PIA mode are provided in
Section 24.0 “12-Bit A/D Converter with Threshold
Detect”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com