Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 23 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 23 Page - Microchip Technology

Back Button DO16 Datasheet HTML 19Page - Microchip Technology DO16 Datasheet HTML 20Page - Microchip Technology DO16 Datasheet HTML 21Page - Microchip Technology DO16 Datasheet HTML 22Page - Microchip Technology DO16 Datasheet HTML 23Page - Microchip Technology DO16 Datasheet HTML 24Page - Microchip Technology DO16 Datasheet HTML 25Page - Microchip Technology DO16 Datasheet HTML 26Page - Microchip Technology DO16 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 23
PIC24FJ256GA705 FAMILY
PGC1
5
2
22
24
I
ST
ICSP™ Programming Clock
PGC2
22
19
9
10
I
ST
PGC3
15
12
42
46
I
ST
PGD1
4
1
21
23
I/O
DIG/ST ICSP Programming Data
PGD2
21
18
8
9
I/O
DIG/ST
PGD3
14
11
41
45
I/O
DIG/ST
PMA0
—
—
3
3
I/O
DIG/ST/
TTL
Parallel Master Port Address<0>/
Address Latch Low
PMA1
—
—
2
2
I/O
DIG/ST/
TTL
Parallel Master Port Address<1>/
Address Latch High
PMA2
—
—
12
13
I/O
DIG/ST/
TTL
Parallel Master Port Address<2>
PMA3
—
—
38
41
I/O
DIG/ST/
TTL
Parallel Master Port Address<3>
PMA4
—
—
37
40
I/O
DIG/ST/
TTL
Parallel Master Port Address<4>
PMA5
—
—
4
4
I/O
DIG/ST/
TTL
Parallel Master Port Address<5>
PMA6
—
—
5
5
I/O
DIG/ST/
TTL
Parallel Master Port Address<6>
PMA7
—
—
13
14
I/O
DIG/ST/
TTL
Parallel Master Port Address<7>
PMA8
—
—
32
35
I/O
DIG/ST/
TTL
Parallel Master Port Address<8>
PMA9
—
—
35
38
I/O
DIG/ST/
TTL
Parallel Master Port Address<9>
PMA14/PMCS/
PMCS1
—
—
15
16
I/O
DIG/ST/
TTL
Parallel Master Port Address<14>/
Slave Chip Select/Chip Select 1 Strobe
TABLE 1-3:
PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
28-Pin SOIC,
SSOP, SPDIP
28-Pin QFN,
UQFN
44-Pin
TQFP
48-Pin
UQFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com