Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 96 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 96 Page - Microchip Technology

Back Button DO16 Datasheet HTML 92Page - Microchip Technology DO16 Datasheet HTML 93Page - Microchip Technology DO16 Datasheet HTML 94Page - Microchip Technology DO16 Datasheet HTML 95Page - Microchip Technology DO16 Datasheet HTML 96Page - Microchip Technology DO16 Datasheet HTML 97Page - Microchip Technology DO16 Datasheet HTML 98Page - Microchip Technology DO16 Datasheet HTML 99Page - Microchip Technology DO16 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 96
 2016-2018 Microchip Technology Inc.
REGISTER 8-6:
INTTREG: INTERRUPT CONTROL AND STATUS REGISTER
R-0
U-0
R/W-0
U-0
R-0
R-0
R-0
R-0
CPUIRQ
—VHOLD
—
ILR3
ILR2
ILR1
ILR0
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VECNUM7
VECNUM6
VECNUM5
VECNUM4
VECNUM3
VECNUM2
VECNUM1
VECNUM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CPUIRQ: Interrupt Request from Interrupt Controller to CPU bit
1 = An interrupt request has occurred but has not yet been Acknowledged by the CPU; this happens
when the CPU priority is higher than the interrupt priority
0 = No interrupt request is unacknowledged
bit 14
Unimplemented: Read as ‘0’
bit 13
VHOLD: Vector Number Capture Configuration bit
1 = The VECNUMx bits contain the value of the highest priority pending interrupt
0 = The VECNUMx bits contain the value of the last Acknowledged interrupt (i.e., the last interrupt
that has occurred with higher priority than the CPU, even if other interrupts are pending)
bit 12
Unimplemented: Read as ‘0’
bit 11-8
ILR<3:0>: New CPU Interrupt Priority Level bits
1111 = CPU Interrupt Priority Level is 15
•
•
•
0001 = CPU Interrupt Priority Level is 1
0000 = CPU Interrupt Priority Level is 0
bit 7-0
VECNUM<7:0>: Vector Number of Pending Interrupt bits
11111111 = 255, Reserved; do not use
•
•
•
00001001 = 9, IC1 – Input Capture 1
00001000 = 8, INT0 – External Interrupt 0
00000111 = 7, Reserved; do not use
00000110 = 6, Generic soft error trap
00000101 = 5, Reserved; do not use
00000100 = 4, Math error trap
00000011 = 3, Stack error trap
00000010 = 2, Generic hard trap
00000001 = 1, Address error trap
00000000 = 0, Oscillator fail trap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com