Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 80 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 80 Page - Microchip Technology

Back Button DO16 Datasheet HTML 76Page - Microchip Technology DO16 Datasheet HTML 77Page - Microchip Technology DO16 Datasheet HTML 78Page - Microchip Technology DO16 Datasheet HTML 79Page - Microchip Technology DO16 Datasheet HTML 80Page - Microchip Technology DO16 Datasheet HTML 81Page - Microchip Technology DO16 Datasheet HTML 82Page - Microchip Technology DO16 Datasheet HTML 83Page - Microchip Technology DO16 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 80
 2016-2018 Microchip Technology Inc.
REGISTER 7-1:
RCON: RESET CONTROL REGISTER
R/W-0
R/W-0
R/W-1
R/W-0
U-0
U-0
R/W-0
R/W-0
TRAPR(1)
IOPUWR(1)
SBOREN(5)
RETEN(2)
—
—CM(1)
VREGS(3)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
EXTR(1)
SWR(1)
SWDTEN(4)
WDTO(1)
SLEEP(1)
IDLE(1)
BOR(1)
POR(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TRAPR: Trap Reset Flag bit(1)
1 = A Trap Conflict Reset has occurred
0 = A Trap Conflict Reset has not occurred
bit 14
IOPUWR: Illegal Opcode or Uninitialized W Register Access Reset Flag bit(1)
1 = An illegal opcode detection, an illegal address mode or Uninitialized W register is used as an
Address Pointer and caused a Reset
0 = An illegal opcode or Uninitialized W register Reset has not occurred
bit 13
SBOREN: Software Control Over the BOR Function bit(5)
1 = BOR is enabled
0 = BOR is disabled
bit 12
RETEN: Retention Mode Enable bit(2)
1 = Retention mode is enabled while device is in Sleep mode (1.2V regulator supplies to the core)
0 = Retention mode is disabled; normal voltage levels are present
bit 11-10
Unimplemented: Read as ‘0’
bit 9
CM: Configuration Word Mismatch Reset Flag bit(1)
1 = A Configuration Word Mismatch Reset has occurred
0 = A Configuration Word Mismatch Reset has not occurred
bit 8
VREGS: Fast Wake-up from Sleep bit(3)
1 = Fast wake-up is disabled (lower power)
0 = Fast wake-up is enabled (higher power)
bit 7
EXTR: External Reset (MCLR) Pin bit(1)
1 = A Master Clear (pin) Reset has occurred
0 = A Master Clear (pin) Reset has not occurred
bit 6
SWR: Software RESET (Instruction) Flag bit(1)
1 = A RESET instruction has been executed
0 = A RESET instruction has not been executed
Note 1: All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2: If the LPCFG Configuration bit is ‘1’ (unprogrammed), the retention regulator is disabled and the RETEN
bit has no effect. Retention mode preserves the SRAM contents during Sleep.
3: Re-enabling the regulator after it enters Standby mode will add a delay, TVREG, when waking up from Sleep.
Applications that do not use the voltage regulator should set this bit to prevent this delay from occurring.
4: If the FWDTEN<1:0> Configuration bits are ‘11’ (unprogrammed), the WDT is always enabled, regardless
of the SWDTEN bit setting.
5: The BOREN<1:0> (FPOR<1:0>) Configuration bits must be set to ‘01’ in order for SBOREN to have an effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com