Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 77 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 77 Page - Microchip Technology

Back Button DO16 Datasheet HTML 73Page - Microchip Technology DO16 Datasheet HTML 74Page - Microchip Technology DO16 Datasheet HTML 75Page - Microchip Technology DO16 Datasheet HTML 76Page - Microchip Technology DO16 Datasheet HTML 77Page - Microchip Technology DO16 Datasheet HTML 78Page - Microchip Technology DO16 Datasheet HTML 79Page - Microchip Technology DO16 Datasheet HTML 80Page - Microchip Technology DO16 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 77
PIC24FJ256GA705 FAMILY
6.6.2
PROGRAMMING A DOUBLE WORD
OF FLASH PROGRAM MEMORY
If a Flash location has been erased, it can be pro-
grammed using Table Write instructions to write two
instruction words (2 x 24-bit) into the write latch. The
TBLPAG register is loaded with the address of the write
latches and the NVMADRU/NVMADR registers are
loaded with the address of the first of the two instruction
words to be programmed. The TBLWTL and TBLWTH
instructions write the desired data into the write latches.
To configure the NVMCON register for a two-word write,
set the NVMOPx bits (NVMCON<3:0>) to ‘0001’. The
write is performed by executing the unlock sequence
and setting the WR bit. An equivalent procedure in ‘C’,
using the MPLAB® XC16 compiler and built-in hardware
functions, is shown in Example 6-3.
TABLE 6-3:
PROGRAMMING A DOUBLE WORD OF FLASH PROGRAM MEMORY
Step 1: Initialize the TBLPAG register for writing to the latches.
MOV
#0xFA, W12
MOV
W12, TBLPAG
Step 2: Load W0:W2 with the next two packed instruction words to program.
MOV
#<LSW0>, W0
MOV
#<MSB1:MSB0>, W1
MOV
#<LSW1>, W2
Step 3: Set the Read Pointer (W6) and Write Pointer (W7), and load the (next set of) write latches.
CLR
W6
CLR
W7
TBLWTL
[W6++], [W7]
TBLWTH.B [W6++], [W7++]
TBLWTH.B [W6++], [++W7]
TBLWTL.W [W6++], [W7++]
Step 4: Set the NVMADRU/NVMADR register pair to point to the correct address.
MOV
#DestinationAddress<15:0>, W3
MOV
#DestinationAddress<23:16>, W4
MOV
W3, NVMADR
MOV
W4, NVMADRU
Step 5: Set the NVMCON register to program two instruction words.
MOV
#0x4001, W10
MOV
W10, NVMCON
NOP
Step 6: Initiate the write cycle.
MOV
#0x55, W1
MOV
W1, NVMKEY
MOV
#0xAA, W1
MOV
W1, NVMKEY
BSET
NVMCON, #WR
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com