Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 24 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 24 Page - Microchip Technology

Back Button DO16 Datasheet HTML 20Page - Microchip Technology DO16 Datasheet HTML 21Page - Microchip Technology DO16 Datasheet HTML 22Page - Microchip Technology DO16 Datasheet HTML 23Page - Microchip Technology DO16 Datasheet HTML 24Page - Microchip Technology DO16 Datasheet HTML 25Page - Microchip Technology DO16 Datasheet HTML 26Page - Microchip Technology DO16 Datasheet HTML 27Page - Microchip Technology DO16 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 24
 2016-2018 Microchip Technology Inc.
PMD0
—
—
10
11
I/O
DIG/ST/
TTL
Parallel Master Port Data (Demultiplexed
Master mode) or Address/Data
(Multiplexed Master modes)
PMD1
—
—
9
10
I/O
DIG/ST/
TTL
PMD2
—
—
8
9
I/O
DIG/ST/
TTL
PMD3
—
—
1
1
I/O
DIG/ST/
TTL
PMD4
—
—
44
48
I/O
DIG/ST/
TTL
PMD5
—
—
43
47
I/O
DIG/ST/
TTL
PMD6
—
—
42
46
I/O
DIG/ST/
TTL
PMD7
—
—
41
45
I/O
DIG/ST/
TTL
PMRD/PMWR
——
11
12
I/O
DIG/ST/
TTL
Parallel Master Port Read Strobe/
Write Strobe
PMWR/PMENB
—
—
14
15
I/O
DIG/ST/
TTL
Parallel Master Port Write Strobe/
Enable Strobe
PWRGT
—
—
—
—
O
DIG
Real-Time Clock Power Control Output
PWRLCLK
12
9
34
37
I
ST
Real-Time Clock 50/60 Hz Clock Input
TABLE 1-3:
PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
28-Pin SOIC,
SSOP, SPDIP
28-Pin QFN,
UQFN
44-Pin
TQFP
48-Pin
UQFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com