Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 56 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 56 Page - Microchip Technology

Back Button DO16 Datasheet HTML 52Page - Microchip Technology DO16 Datasheet HTML 53Page - Microchip Technology DO16 Datasheet HTML 54Page - Microchip Technology DO16 Datasheet HTML 55Page - Microchip Technology DO16 Datasheet HTML 56Page - Microchip Technology DO16 Datasheet HTML 57Page - Microchip Technology DO16 Datasheet HTML 58Page - Microchip Technology DO16 Datasheet HTML 59Page - Microchip Technology DO16 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 56
 2016-2018 Microchip Technology Inc.
4.2.5.2
Data Write into EDS
In order to write data to EDS, such as in EDS reads, an
Address Pointer is set up by loading the required EDS
page number into the DSWPAG register, and assigning
the offset address to one of the W registers. Once the
above assignment is done, then the EDS window is
enabled by setting bit 15 of the Working register,
assigned with the offset address, and the accessed
location can be written.
Figure 4-5 illustrates how the EDS address is generated
for write operations.
When the MSbs of EA are ‘1’, the lower nine bits of
DSWPAG are concatenated to the lower 15 bits of EA
to form a 24-bit EDS address for write operations.
Example 4-2 shows how to write a byte, word and
double word to EDS.
The Data Space Page registers (DSRPAG/DSWPAG)
do not update automatically while crossing a page
boundary when the rollover happens from 0xFFFF to
0x8000. While developing code in assembly, care must
be taken to update the Data Space Page registers when
an Address Pointer crosses the page boundary. The ‘C’
compiler keeps track of the addressing, and increments
or decrements the Page registers accordingly, while
accessing contiguous data memory locations.
FIGURE 4-5:
EDS ADDRESS GENERATION FOR WRITE OPERATIONS
EXAMPLE 4-2:
EDS WRITE CODE IN ASSEMBLY
Note 1: All write operations to EDS are executed
in a single cycle.
2: Use of Read/Modify/Write operation on
any EDS location under a REPEAT
instruction is not supported. For example:
BCLR, BSW, BTG, RLC f, RLNC f, RRC f,
RRNC f, ADD f, SUB f, SUBR f, AND f,
IOR f, XOR f, ASR f, ASL f.
3: Use
the
DSRPAG
register
while
performing Read/Modify/Write operations.
DSWPAG Reg
Select
Wn
8
15 Bits
9 Bits
24-Bit EA
Wn<0> is Byte Select
1
0
; Set the EDS page where the data to be written
mov
#0x0002, w0
mov
w0, DSWPAG
;page 2 is selected for write
mov
#0x0800, w1
;select the location (0x800) to be written
bset
w1, #15
;set the MSB of the base address, enable EDS mode
;Write a byte to the selected location
mov
#0x00A5, w2
mov
#0x003C, w3
mov.b
w2, [w1++]
;write Low byte
mov.b
w3, [w1++]
;write High byte
;Write a word to the selected location
mov
#0x1234, w2
;
mov
w2, [w1]
;
;Write a Double - word to the selected location
mov
#0x1122, w2
mov
#0x4455, w3
mov.d
w2, [w1]
;2 EDS writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com