Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 45 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 45 Page - Microchip Technology

Back Button DO16 Datasheet HTML 41Page - Microchip Technology DO16 Datasheet HTML 42Page - Microchip Technology DO16 Datasheet HTML 43Page - Microchip Technology DO16 Datasheet HTML 44Page - Microchip Technology DO16 Datasheet HTML 45Page - Microchip Technology DO16 Datasheet HTML 46Page - Microchip Technology DO16 Datasheet HTML 47Page - Microchip Technology DO16 Datasheet HTML 48Page - Microchip Technology DO16 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 45
PIC24FJ256GA705 FAMILY
4.2
Data Memory Space
The PIC24F core has a 16-bit wide data memory space,
addressable as a single linear range. The Data Space is
accessed using two Address Generation Units (AGUs),
one each for read and write operations. The Data Space
memory map is shown in Figure 4-2.
The 16-bit wide data addresses in the data memory
space point to bytes within the Data Space (DS). This
gives a DS address range of 16 Kbytes or 8K words.
The lower half (0000h to 7FFFh) is used for
implemented (on-chip) memory addresses.
The upper half of data memory address space (8000h to
FFFFh) is used as a window into the Extended Data
Space (EDS). This allows the microcontroller to directly
access a greater range of data beyond the standard
16-bit address range. EDS is discussed in detail in
Section 4.2.5 “Extended Data Space (EDS)”.
4.2.1
DATA SPACE WIDTH
The data memory space is organized in byte-
addressable, 16-bit wide blocks. Data is aligned in
data memory and registers as 16-bit words, but all Data
Space EAs resolve to bytes. The Least Significant
Bytes (LSBs) of each word have even addresses, while
the Most Significant Bytes (MSBs) have odd
addresses.
FIGURE 4-2:
DATA SPACE MEMORY MAP FOR PIC24FJ256GA705 DEVICES
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive refer-
ence source. For more information, refer
to the “dsPIC33/PIC24 Family Reference
Manual”, “Data Memory with Extended
Data Space (EDS)” (DS39733). The infor-
mation in this data sheet supersedes the
information in the FRM.
Note: Memory areas are not shown to scale.
0000h
07FEh
FFFEh
LSB
Address
LSB
MSB
MSB
Address
0001h
07FFh
1FFFh
FFFFh
8001h
8000h
7FFFh
0801h
0800h
2001h
Near
1FFEh
SFR
2000h
7FFEh
EDS Window
Space
Data Space
Upper 32 Kbytes
Data Space
Lower 32 Kbytes
Data Space
16 Kbytes Data RAM
SFR Space
47FFh
4801h
47FEh
4800h
Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com