Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 49 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 49 Page - Microchip Technology

Back Button DO16 Datasheet HTML 45Page - Microchip Technology DO16 Datasheet HTML 46Page - Microchip Technology DO16 Datasheet HTML 47Page - Microchip Technology DO16 Datasheet HTML 48Page - Microchip Technology DO16 Datasheet HTML 49Page - Microchip Technology DO16 Datasheet HTML 50Page - Microchip Technology DO16 Datasheet HTML 51Page - Microchip Technology DO16 Datasheet HTML 52Page - Microchip Technology DO16 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 49
PIC24FJ256GA705 FAMILY
TABLE 4-6:
SFR MAP: 0200h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
INPUT CAPTURE
MULTIPLE OUTPUT CAPTURE/COMPARE/PWM (CONTINUED)
IC1CON1
0200
0000
CCP1RAH
0286
0000
IC1CON2
0202
000D
CCP1RBL
0288
0000
IC1BUF
0204
0000
CCP1RBH
028A
0000
IC1TMR
0206
0000
CCP1BUFL
028C
0000
IC2CON1
0208
0000
CCP1BUFH
028E
0000
IC2CON2
020A
000D
CCP2CON1L
0290
0000
IC2BUF
020C
0000
CCP2CON1H
0292
0000
IC2TMR
020E
0000
CCP2CON2L
0294
0000
IC3CON1
0210
0000
CCP2CON2H
0296
0100
IC3CON2
0212
000D
CCP2CON3L
0298
0000
IC3BUF
0214
0000
CCP2CON3H
029A
0000
IC3TMR
0216
0000
CCP2STATL
029C
00x0
OUTPUT COMPARE
CCP2STATH
029E
0000
OC1CON1
0230
0000
CCP2TMRL
02A0
0000
OC1CON2
0232
000C
CCP2TMRH
02A2
0000
OC1RS
0234
xxxx
CCP2PRL
02A4
FFFF
OC1R
0236
xxxx
CCP2PRH
02A6
FFFF
OC1TMR
0238
xxxx
CCP2RAL
02A8
0000
OC2CON1
023A
0000
CCP2RAH
02AA
0000
OC2CON2
023C
000C
CCP2RBL
02AC
0000
OC2RS
023E
xxxx
CCP2RBH
02AE
0000
OC2R
0240
xxxx
CCP2BUFL
02B0
0000
OC2TMR
0242
xxxx
CCP2BUFH
02B2
0000
OC3CON1
0244
0000
CCP3CON1L
02B4
0000
OC3CON2
0246
000C
CCP3CON1H
02B6
0000
OC3RS
0248
xxxx
CCP3CON2L
02B8
0000
OC3R
024A
xxxx
CCP3CON2H
02BA
0100
OC3TMR
024C
xxxx
CCP3CON3L
02BC
0000
MULTIPLE OUTPUT CAPTURE/COMPARE/PWM
CCP3CON3H
02BE
0000
CCP1CON1L
026C
0000
CCP3STATL
02C0
00x0
CCP1CON1H
026E
0000
CCP3STATH
02C2
0000
CCP1CON2L
0270
0000
CCP3TMRL
02C4
0000
CCP1CON2H
0272
0100
CCP3TMRH
02C6
0000
CCP1CON3L
0274
0000
CCP3PRL
02C8
FFFF
CCP1CON3H
0276
0000
CCP3PRH
02CA
FFFF
CCP1STATL
0278
00x0
CCP3RAL
02CC
0000
CCP1STATH
027A
0000
CCP3RAH
02CE
0000
CCP1TMRL
027C
0000
CCP3RBL
02D0
0000
CCP1TMRH
027E
0000
CCP3RBH
02D2
0000
CCP1PRL
0280
FFFF
CCP3BUFL
02D4
0000
CCP1PRH
0282
FFFF
CCP3BUFH
02D6
0000
CCP1RAL
0284
0000
Legend:
x = undefined. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com