Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO16 Datasheet(PDF) 101 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 101 Page - Microchip Technology

Back Button DO16 Datasheet HTML 97Page - Microchip Technology DO16 Datasheet HTML 98Page - Microchip Technology DO16 Datasheet HTML 99Page - Microchip Technology DO16 Datasheet HTML 100Page - Microchip Technology DO16 Datasheet HTML 101Page - Microchip Technology DO16 Datasheet HTML 102Page - Microchip Technology DO16 Datasheet HTML 103Page - Microchip Technology DO16 Datasheet HTML 104Page - Microchip Technology DO16 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 101
PIC24FJ256GA705 FAMILY
bit 4
Unimplemented: Read as ‘0’
bit 3
CF: Clock Fail Detect bit
1 = FSCM has detected a clock failure
0 = No clock failure has been detected
bit 2
POSCEN: Primary Oscillator Sleep Enable bit
1 = Primary Oscillator continues to operate during Sleep mode
0 = Primary Oscillator is disabled during Sleep mode
bit 1
SOSCEN: 32 kHz Secondary Oscillator (SOSC) Enable bit
1 = Enables Secondary Oscillator
0 = Disables Secondary Oscillator
bit 0
OSWEN: Oscillator Switch Enable bit
1 = Initiates an oscillator switch to a clock source specified by the NOSC<2:0> bits
0 = Oscillator switch is complete
REGISTER 9-1:
OSCCON: OSCILLATOR CONTROL REGISTER(1) (CONTINUED)
Note 1:
OSCCON is protected by a write lock to prevent inadvertent clock switches. See Section 9.4 “Clock
Switching Operation” for more information.
2:
Reset values for these bits are determined by the FNOSCx Configuration bits.
3:
The state of the IOLOCK bit can only be changed once an unlocking sequence has been executed. In
addition, if the IOL1WAY Configuration bit is ‘1’, once the IOLOCK bit is set, it cannot be cleared.
4:
This bit also resets to ‘0’ during any valid clock switch or whenever a non-PLL Clock mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com