Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 85 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 85 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 81Page - Fuji Electric BW50RAM Datasheet HTML 82Page - Fuji Electric BW50RAM Datasheet HTML 83Page - Fuji Electric BW50RAM Datasheet HTML 84Page - Fuji Electric BW50RAM Datasheet HTML 85Page - Fuji Electric BW50RAM Datasheet HTML 86Page - Fuji Electric BW50RAM Datasheet HTML 87Page - Fuji Electric BW50RAM Datasheet HTML 88Page - Fuji Electric BW50RAM Datasheet HTML 89Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
06/85
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
• BW9V0HA, BW9V0JA
X
Optional shaft (BZ-VS2)
100
H
63
200
Panel
Decorative
plate
Mounting
screw
Load
Install the door hinge in the shaded area.
Line
150
Lock plate
Padlock size ø4 to ø8
(Up to 2 ø8 padlocks can
be mounted.)
MCCB
handle C/L
112
4-ø10
ø138
MCCB
handle C/L
MCCB
handle C/L
Panel thickness: 1.6-3.2
Door panel cutting
Note: Align the center of the hole cut in the panel
with the center of the breaker handle.
When using the BZ-VS2 extension
shaft to adjust dimension H, cut it
according to the equation below.
X=H−161.5
MCCB
Handle
type
Optional
shaft
Standard type
H
With the optional shaft (X=154)
Mass
(kg)
H
Area in which the hinge
with H can be installed
BW400
BW9V0HA
BZ-VS2
190±2
250±2
202 to 250
2.2
BW9V0HA-X
202±2
262±2
214 to 262
BW9V0HA-P
204±2
264±2
216 to 264
BW630
BW9V0JA
190±2
250±2
202 to 250
BW9V0JA-X
202±2
262±2
214 to 262
BW9V0JA-P
207±2
267±2
219 to 269
BW800
BW9V0JA
190±2
250±2
202 to 250
BW9V0JA-X
202±2
262±2
214 to 262
BW9V0JA-P
252±2
312±2
264 to 312
Notes: • The handle lock bars do not hold the entire door. Obtain a support bracket for the panel separately.
• Remove the handle lock bar before opening the door. (Turn the handle in the open direction.)
The lock bar will be damaged if the door is opened with force while the lock bar is engaged.
• Engage the door interlock securely before turning ON the power.
• Not available for side mounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com