Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 81 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 81 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 77Page - Fuji Electric BW50RAM Datasheet HTML 78Page - Fuji Electric BW50RAM Datasheet HTML 79Page - Fuji Electric BW50RAM Datasheet HTML 80Page - Fuji Electric BW50RAM Datasheet HTML 81Page - Fuji Electric BW50RAM Datasheet HTML 82Page - Fuji Electric BW50RAM Datasheet HTML 83Page - Fuji Electric BW50RAM Datasheet HTML 84Page - Fuji Electric BW50RAM Datasheet HTML 85Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
06/81
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Notes: • The handle lock bars do not hold the entire door. Obtain a support bracket for the panel separately.
• Remove the handle lock bar before opening the door. (Turn the handle in the open direction.)
The lock bar will be damaged if the door is opened with force while the lock bar is engaged.
• Engage the door interlock securely before turning ON the power.
*1 The Terminal Cover and Handle cannot be attached at the same time for the BW125JAG-2P or
BW125RAGU-2P. Select the BW125JAG-3P or BW125RAGU-3P to use a Handle.
*2 The terminal cover will cover the mounting screws for the Breaker. When attaching the terminal
cover, a portion of the terminal cover will need to be removed.
Remove portion A in the following diagram.
Molded Case Circuit Breakers
G-TWIN series
External accessories
• BZ6N10D
• BW9N0CA, BW9N0GA
n
Dimensions, mm
N type handle
Note: Align the center of the hole cut in the panel
with the center of the breaker handle.
Handle C/L
Door panel cutting
2P
3P
4P
4-ø15
78
MCCB
Handle
C/L
Handle
C/L
Max.65
52.5
H
50
108
MCCB
handle C/L
MCCB
Load
Line
Panel
Dust proof packing(Optional)
Thickness:
1.2 to 3.2
L
C
L
C
ø90
Install the hinge in the shaded area.
85
200
200
49
Padlock size
ø4 to ø8
Handle C/L
85
MCCB
Handle
type
Dust proof
packing
Mounting
screw
H (mm)
Mass
(kg)
BW32
BZ6N10D
Provided
M4 x 85
103
0.47
BW50
BZ6N10D-X Provided
Contact FUJI. 111
BW63
BZ6N10D-P
111
BW100
MCCB
Handle
type
Dust proof
packing
Mounting
screw
H (mm)
Mass
(kg)
BW125
BW9N0CA*1 BZ-NP-1C
M4 x 85
103±2
0.56
BW160
BW9N0GA*2 BZ-NP-1C
M4 x 85
103±2
0.56
BW250
105
78
ø90
4-
ø15
H
49
38
75
50
85
104
110
200
200
85
L
C
L
C
L
C
L
C
L
C
Note: Align the center of the hole cut in the panel
with the center of the breaker handle.
Door panel cutting
Install the hinge in the shaded area.
Load
Line
Panel
Thickness:1.2 to 3.2
Padlock size ø4 to ø8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com