Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 18 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 18 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 14Page - Fuji Electric BW50RAM Datasheet HTML 15Page - Fuji Electric BW50RAM Datasheet HTML 16Page - Fuji Electric BW50RAM Datasheet HTML 17Page - Fuji Electric BW50RAM Datasheet HTML 18Page - Fuji Electric BW50RAM Datasheet HTML 19Page - Fuji Electric BW50RAM Datasheet HTML 20Page - Fuji Electric BW50RAM Datasheet HTML 21Page - Fuji Electric BW50RAM Datasheet HTML 22Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
06/18
Molded Case Circuit Breakers
G-TWIN series
Quick reference guide
n G-TWIN Standard Series / Motor protection
Ampere frame
32A
Type
BW32AAM
BW32SAM
Pole
3
2
3
Rated current Reference amb. temp. (40°C)
In(A)
1.4, 2.6, 4, 8, 10, 16, 24, 32
(2), (4), 5, 8, 10, 16
0.7, 1.4, 2, 2.6, 4, 5, 8, 10, 12, 16,
24, 32
Rated impulse withstand voltage
Uimp(kV)
6
6
6
Isolation compliant
Rated insulation voltage Ui (V)
AC
500
690
690
Rated breaking
capacity
Icu/Ics (kA)
IEC 60947-2
EN 60947-2
JIS C 8201-2-1
AC
690V –
–
–
500V –
1.5/1
1.5/1
440V 1.5/1
2.5/2
2.5/2
415V
1.5/1
2.5/2
2.5/2
400V 1.5/1
2.5/2
2.5/2
380V 1.5/1
2.5/2
2.5/2
240V 2.5/2
5/3
5/3
230V 2.5/2
5/3
5/3
GB14048.2
AC
400V 1.5/1
2.5/2
2.5/2
230V 2.5/2
5/3
5/3
Conforming to
standards
CE Marking
CCC certificate
Electrical Appliance and Material Safety Law <PS>E*
2
Dimensions (mm)
c
a
d
b
a
75
50
75
b
100
100
100
c
60
60
60
d
84
84
84
Mass (kg)
0.5
0.4
0.5
Tripping device
Hydraulic-magnetic
Hydraulic-magnetic
Hydraulic-magnetic
Front mounting, front connection
No-mark
Front mounting, rear connection
X
Flush mounting, front connection
E
Flush mounting, top & buttom connection
Y
Plug-in mounting
P
IEC 35mm wide rail mounting
Internal accessories
Page 06/63
Alarm switch
K
Auxiliary switch
W
Undervoltage trip
R
Shunt trip
F
External accessories
Page 06/66
Handle padlocking device
Cap type
QN
Handle padlocking device
Plate type
Q2
Operating handle
N-type
N
Operating handle
V-type
V
Terminal cover
Short
BT S
Terminal cover
Long
BT L
Insulation barrier
Interphase
BP
Insulation barrier
Earth
BL
Handle locking cover
L1
Flat terminal
SS
Block terminal
SL –
–
–
: Approved
: Available
–: Not available
: Factory-mounted accessory
Note: *
1 Specify DC only when ordering circuit breakers for DC circuit.
*
2 Electrical Appliance and Material Safety Law of Japan
Motor protection breakers
Motors are nor mally controlled by
MCCBs and magnetic starters. In this
case the MCCB carries out overcurrent
or short-circuit current protection while
the starter deals with ON-OFF switching
of the motor and offers protection against
sustained overload currents. These are
the motor breakers which combine the
two functions.
FUJI motor breakers are designed to
eliminate erroneous operations due to
the rush current produced at the time of
starting the motor. They will trip in the
face of sustained overcurrent when the
integrated bimetal relay has operated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com