Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 80 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 80 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 76Page - Fuji Electric BW50RAM Datasheet HTML 77Page - Fuji Electric BW50RAM Datasheet HTML 78Page - Fuji Electric BW50RAM Datasheet HTML 79Page - Fuji Electric BW50RAM Datasheet HTML 80Page - Fuji Electric BW50RAM Datasheet HTML 81Page - Fuji Electric BW50RAM Datasheet HTML 82Page - Fuji Electric BW50RAM Datasheet HTML 83Page - Fuji Electric BW50RAM Datasheet HTML 84Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
06/80
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
N type handles
MCCB
N type handle
BW32
BZ6N10D
BW50
BW63
BW100
BW125
BW9N0CA
BW160
BW9N0GA
BW250
BW400
BW9N0HA
BW630
BW800
BW9N0JA
V type handles
MCCB
V type handle
BW32
BZ6V10D
BW50
BW63
BW100
BW125
BW9V0CA
BW160
BW9V0GA
BW250
BW400
BW9V0HA
BW630
BW800
BW9V0JA
• V type handle
BW9V0CA –
Mounting (For BZ6V10D, BW9V0HA,
BW9V0JA)
Blank:Front mounting, front connection
X:
Front mounting, rear connection
P:
Plug-in mounting
Basic type
Note:
To order a V handle for front-mounting rear connection breakers, add “-X” to the
type number; for plug-in mounting breakers, add “-P” to the type number.
n
Type number nomenclature
F type handles
MCCB
N type handle
BW125
BW9F0CA
BW250
BW9F0GA
BW400
BW9F0HA
• F type handle
BW9F0
A
Breaker type
C: BW125 U
G: BW250 U
H: BW400 U
Basic type
Cable (For F type)
BW9FW
A –
A
Cable length
15: 1.5m
20: 2.0m
30: 3.0m
Breaker type
C: BW125 U
G: BW250 U
H: BW400 U
Basic type
Terminal cover (For F type)
BW9FBT
A – L3
Breaker type
C: BW125 U
G: BW250 U
H: BW400 U
Basic type
• N type handle
BW9N0CA –
Mounting (For BZ6N10D, BW9N0HA,
BW9N0JA)
Blank:Front mounting, front connection
X:
Front mounting, rear connection
P:
Plug-in mounting
Basic type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com