Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 58 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 58 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 54Page - Fuji Electric BW50RAM Datasheet HTML 55Page - Fuji Electric BW50RAM Datasheet HTML 56Page - Fuji Electric BW50RAM Datasheet HTML 57Page - Fuji Electric BW50RAM Datasheet HTML 58Page - Fuji Electric BW50RAM Datasheet HTML 59Page - Fuji Electric BW50RAM Datasheet HTML 60Page - Fuji Electric BW50RAM Datasheet HTML 61Page - Fuji Electric BW50RAM Datasheet HTML 62Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
06/58
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
BW32, 50, 63, 100
BW50HAG, BW125
n
Characteristic curves / Line protection
Characteristic curves
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
1
2
4
6
10
20
40
1
2
4
6
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 4050 70 100
Muitiple of rated current
Instantaneous
tripping
characteristic
960%-1440%
Max. value
Min. value
Rated current: 5, 10, 32, 40, 60, 63, 70, 75, 80, 90A
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
1
2
4
6
10
20
40
1
2
4
6
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 4050 70 100
Muitiple of rated current
Instantaneous
tripping
characteristic
800%-1200%
Max. value
Min. value
Rated current: 3, 15, 20, 30, 50,100A
-10
0
10
20
30
40
50
400
300
350
250
200
150
100
50
Reference temp. 40
Ambient temperature ( )
Temperature correction curve
Temperature correction curve
• 15A
• 20A
• 15-30A
• 30A
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 78 10 15 20 30 40 5060 80100
Muitiple of rated current
Instantaneous tripping
characteristic
500A±100A
Max. value
Min. value
Max. total fault
clearing time
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 7 8 10 15 20 30 40 50 6080 100
1
2
4
6
1
2
4
6
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
10
20
40
10
20
40
60
120
180
1 1.5 2
3 4 5 6 7 8 10 15 20 30 40 5060 80 100
-10
10
0
20
30
40
50
Ambient temp. (°C)
50
100
150
Reference temp. 40°C
Muitiple of rated current
Max. value
Min. value
Max. total fault
clearing time
Instantaneous tripping
characteristic
500A±100A
Muitiple of rated current
Max. value
Min. value
Max. total fault
clearing time
Instantaneous tripping
characteristic
500A±100A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com