Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 16 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 16 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 12Page - Fuji Electric BW50RAM Datasheet HTML 13Page - Fuji Electric BW50RAM Datasheet HTML 14Page - Fuji Electric BW50RAM Datasheet HTML 15Page - Fuji Electric BW50RAM Datasheet HTML 16Page - Fuji Electric BW50RAM Datasheet HTML 17Page - Fuji Electric BW50RAM Datasheet HTML 18Page - Fuji Electric BW50RAM Datasheet HTML 19Page - Fuji Electric BW50RAM Datasheet HTML 20Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
06/16
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Quick reference guide
G-TWIN Global Series
Ampere frame
400A
Type
BW400EAGU
BW400SAGU
BW400RAGU
BW400HAGU
Pole
2
3
2
3
2
3
2
3
Rated current Reference amb. temp. (40°C) In(A)
250, 300, 350, 400
Rated impulse withstand voltage
Uimp(kV)
8
8
8
8
Isolation compliant
Rated insulation voltage Ui (V)
AC
690
690
690
690
DC
250
250
250
250
Rated breaking
capacity
IEC 60947-2
EN 60947-2
JIS C 8201-2-1
Icu/Ics (kA)
AC
690V −
10/5
15/8
15/8
500V 18/9
20/10
36/18
42/21
440V 30/15
36/18
50/25
70/35
415V 30/15
36/18
50/25
70/35
400V 30/15
36/18
50/25
70/35
380V 30/15
36/18
50/25
70/35
240V 50/25
85/43
100/50
125/63
230V 50/25
85/43
100/50
125/63
DC
250V 20/10
20/10
40/20
40/20
GB14048.2
Icu/Ics(kA)
AC
400V 30/15
36/18
50/25
70/35
230V 50/25
85/43
100/50
125/63
UL489
CAN/CSA C22.2 NO.5
(kA)
AC
600V/
−
−
−
25
600V/Y −
−
−
25
480V/
−
35
50
65
(With block terminal:50)
480V/Y −
35
50
65
(With block terminal:50)
240V 22
50
100
125
DC
125/250V 10
10
10
10
Conforming to
standards
CE Marking
(TÜV)
(TÜV)
(TÜV)
(TÜV)
CCC certificate
UL Listed (NEMA AB1)
Electrical Appliance and Material Safety Law <PS>E* −
−
−
−
Dimensions (inch(mm))
a
5.512 (140)
5.512 (140)
5.512 (140)
5.512 (140)
b
10.12 (257)
10.12 (257)
10.12 (257)
10.12 (257)
c
4.055 (103)
4.055 (103)
4.055 (103)
4.055 (103)
d
5.748 (146)
5.748 (146)
5.748 (146)
5.748 (146)
Mass (kg)
4.6
5.6
4.6
5.6
4.6
5.6
4.6
5.6
Tripping device
Thermal-magnetic
Connecting terminal
Page 06/26
Flat
Block
Internal accessories
Page 06/65
Alarm switch
K
Auxiliary switch
W
Undervoltage trip
R
Shunt trip
F
External accessories
Page 06/66
Handle padlocking device Cap type
QN
Handle padlocking device Plate type
Q2
Operating handle N-type
N
Operating handle V-type
V
Operating handle F-type
F
Terminal cover Short
BT S
Terminal cover Long
BT L
Insulation barrier Interphase
BP
Handle locking cover
L1
: Approved
: Available
–: Not available
Note: * Electrical Appliance and Material Safety Law of Japan
c
a
d
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com