Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 74 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 74 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 70Page - Fuji Electric BW50RAM Datasheet HTML 71Page - Fuji Electric BW50RAM Datasheet HTML 72Page - Fuji Electric BW50RAM Datasheet HTML 73Page - Fuji Electric BW50RAM Datasheet HTML 74Page - Fuji Electric BW50RAM Datasheet HTML 75Page - Fuji Electric BW50RAM Datasheet HTML 76Page - Fuji Electric BW50RAM Datasheet HTML 77Page - Fuji Electric BW50RAM Datasheet HTML 78Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
06/74
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
Motor-operated breakers
n
Description
The breaker is fitted with a motor operating mechanism which
enables ON, OFF and RESET operations to be carried out
electronically by remote control.
The breakers do not conform to IEC and EN standard.
n
Type and ratings
n
Ordering information
Specify the following:
1. Type number
2. Motor operating voltage
n
Dimensions, mm / Front mounting, front connection
BW32 -3P, BW50 -3P, BW63 -3P, BW100 -3P,
n
Wiring diagrams
100/110V AC, 200/220V AC, 100V DC
Terminal cover
Mass: 1.2kg (BW32 or BW50 type with motor operating mechanism)
1.3kg (BW63 or BW100 type with motor operating mechanism)
Trip button
Insulation barrier
Mounting hole
ø4.5
Operating handle
Notes: • Trip button operation can be carried out at right side of the breaker.
• IEC 35mm wide mounting rail is not available.
L
C
CL
L
C
139
135
4
67
51
75
25
70
CL
CL
M4 or ø5
25
Panel drilling
CL
Panel cutting
R2
or
more
74 or more
C
MCCB
L
DRIVE
UNIT
5
OFF ON
Power supply
(Non polarity)
4
3
E
2
1
CONTROL
CIRCUIT
MCCB type
BW32 -3P M, BW50 -3P M,
BW63 -3P M, BW100 -3P M
Motor rating
Operating voltage
100V DC
100/110V AC
200/220V AC
Operating time
0.1s
Time rating
15s per
on-off operation
Power source
capacity
500VA
Mass (kg)
1.2
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com