Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 65 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 65 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 61Page - Fuji Electric BW50RAM Datasheet HTML 62Page - Fuji Electric BW50RAM Datasheet HTML 63Page - Fuji Electric BW50RAM Datasheet HTML 64Page - Fuji Electric BW50RAM Datasheet HTML 65Page - Fuji Electric BW50RAM Datasheet HTML 66Page - Fuji Electric BW50RAM Datasheet HTML 67Page - Fuji Electric BW50RAM Datasheet HTML 68Page - Fuji Electric BW50RAM Datasheet HTML 69Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
06/65
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Accessories
n
Variation of internal accessory
• 400 to 800AF
Auxiliary switch (Type W)
This switch is used for indicator lamp
or control circuit.
See page 06/69.
Alarm switch (Type K)
This switch can be connected to a
warning lamp or buzzer to indicate
when the breaker has been tripped.
See page 06/69.
Shunt trip device (Type F)
The purpose of this accessory is to trip
the breaker from a distance.
See page 06/70.
Undervoltage trip device (Type R)
The device is designed to protect circuits
from harmful voltage drops.
It can also be used for remote control
purposes. The trip operates when the
voltage drops to less than 70% of
nominal coil rating, and the breaker
cannot be reset until the voltage
recovers 85% of its normal rating.
See page 06/70.
Terminal block (Type A)
A wiring terminal for internal accessories
(Factory-mounted)
See page 06/71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com