Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 50 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 50 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 46Page - Fuji Electric BW50RAM Datasheet HTML 47Page - Fuji Electric BW50RAM Datasheet HTML 48Page - Fuji Electric BW50RAM Datasheet HTML 49Page - Fuji Electric BW50RAM Datasheet HTML 50Page - Fuji Electric BW50RAM Datasheet HTML 51Page - Fuji Electric BW50RAM Datasheet HTML 52Page - Fuji Electric BW50RAM Datasheet HTML 53Page - Fuji Electric BW50RAM Datasheet HTML 54Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
06/50
Mounting
hole
Mounting
hole
Panel
Angle
Angle
Angle
Special nut
(supplied)
Special
nut
(supplied)
M6 or ø7
ø7
ø7
M6 or ø7
ø35
ø35
M12 x 35 bolt
Live section
cover
Live section
cover
Insulation
tube
Insulation
tube
Panel drilling
Panel drilling
Angle mounting
Angle mounting
Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view.
•Studs for line side terminal : Mounted horizontally.
•Studs for load-side terminal : Mounted vertically.
Each stud can be turned by 90˚.
2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole.
Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view.
•Studs for line side terminal : Mounted horizontally.
•Studs for load-side terminal : Mounted vertically.
Each stud can be turned by 90˚.
44
44
44
140
51
L
C
185
70.5
51
ON
4.5
60
110
115
106.5
158
16
15
27
12
4
44
44
44
MCCB
44
44
44
44
MCCB
L
C
44 44
108
MCCB
108
54
MCCB
L
C
L
C
L
C
L
C
Panel
Angle
M12 x 35 bolt
ON
4.5
60
110
115
106.5
158
16
15
27
12
4
L
C
L
C
L
C
L
C
L
C
L
C
L
C
L
C
BW400 -2P, 3P
BW400 -4P
Molded Case Circuit Breakers
G-TWIN series
Dimensions / Standard
n
Dimensions, mm
Front mounting, rear connection (type X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com