Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW50RAM Datasheet(PDF) 13 Page - Fuji Electric

Part # BW50RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM Datasheet(HTML) 13 Page - Fuji Electric

Back Button BW50RAM Datasheet HTML 9Page - Fuji Electric BW50RAM Datasheet HTML 10Page - Fuji Electric BW50RAM Datasheet HTML 11Page - Fuji Electric BW50RAM Datasheet HTML 12Page - Fuji Electric BW50RAM Datasheet HTML 13Page - Fuji Electric BW50RAM Datasheet HTML 14Page - Fuji Electric BW50RAM Datasheet HTML 15Page - Fuji Electric BW50RAM Datasheet HTML 16Page - Fuji Electric BW50RAM Datasheet HTML 17Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
06/13
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Quick reference guide
Ampere frame
50A
100A
Type
BW50RAGU
BW100EAGU
Pole
2
3
2
3
Rated current Reference amb. temp. (40°C) In(A)
3, 5 10, 15, 20, 30, 32, 40, 50 3, 5 10, 15, 20, 30, 32, 40, 50 60, 63, 70, 75, 80, 90, 100
Rated impulse withstand voltage
Uimp(kV)
6
6
Isolation compliant
Rated insulation voltage Ui (V)
AC
690
690
Rated breaking
capacity
IEC 60947-2
EN 60947-2
JIS C 8201-2-1
Icu/Ics (kA)
AC
500V 7.5/4
7.5/4
440V 10/5
10/5
415V 10/5
10/5
400V 10/5
10/5
380V 10/5
10/5
240V 25/13
25/13
230V 25/13
25/13
GB14048.2
Icu/Ics(kA)
AC
400V 7/4
10/5
7/4
10/5
10/5
230V 14/7 25/13
14/7 25/13
25/13
UL489
CAN/CSA C22.2 NO.5 (kA)
AC
240V 14
–
14
Conforming to
standards
CE Marking
(TÜV)
(TÜV)
CCC certificate
UL Listed (NEMA AB1)
Electrical Appliance and Material Safety Law <PS>E*1
Dimensions (inch(mm))
a
1.969 (50)
2.953 (75)
1.969 (50)
2.953 (75)
b
4.724 (120)
4.724 (120)
c
2.362 (60)
2.362 (60)
d
3.307 (84)
3.307 (84)
Mass (kg)
0.5
0.6
0.5
0.6
Tripping device
Hydraulic-magnetic
Connecting terminal
Page 06/26
Screw
S
Flat
Block
–
–
Internal accessories
Page 06/63
Alarm switch
K
Auxiliary switch
W
Undervoltage trip
R
Shunt trip
F
External accessories
Page 06/66
Handle padlocking device Cap type
QN
Operating handle N-type
N
Operating handle V-type
V
Terminal cover Short
BT S
*2
Terminal cover Long
BT L
Insulation barrier Interphase
BP
Handle locking cover
L1
: Approved
: Available
–: Not available
Note: *1 Electrical Appliance and Material Safety Law of Japan
*2 Standard provided
c
a
d
b
G-TWIN Global Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com