Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 112 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 112 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 108Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 109Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 110Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 111Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 112Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 113Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 114Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 115Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 112 of 232
clock and thus has a period approximately
equal the 32.768 kHz clock period.
At the time of a synchronous start the
timer is reloaded with new calculated
values for the timer and overflow count
such that it appears that the timer has not
been stopped.
13.4.4.2 Timer synchronous stop
After the timer has started running, i.e.
entered timer RUN mode it is stopped
synchronously by writing 0 to T2CNF.RUN
when T2CNF.SYNC is 1. After T2CNF.RUN
has been set to 0, the timer will continue
running until the 32.768 kHz clock rising
edge is sampled as 1. When this occurs
the timer is stopped and the current Sleep
timer value is stored.
13.4.4.3 Timer synchronous start
When the timer is in the IDLE mode it is
started synchronously by writing 1 to
T2CNF.RUN when T2CNF.SYNC is 1. After
T2CNF.RUN has been set to 1, the timer
will remain in the IDLE mode until the
32.768 kHz clock rising edge is detected.
When this occurs the timer will first
calculate new values for the 16-bit timer
value and for the 20-bit timer overflow
count, based on the current and stored
Sleep timer values and the current 16-bit
timer values. The new MAC Timer and
overflow count values are loaded into the
timer and the timer enters the RUN mode.
This synchronous start process takes 75
clock cycles from the time when the
32.768 kHz clock rising edge is sampled
high. The synchronous start and stop
function requires that the system clock
frequency is selected to be 32 MHz. If the
16 MHz clock is selected, there will be an
offset added to the new calculated value.
The method for calculating the new MAC
Timer value and overflow count value is
given below. Due to the fact that the MAC
Timer clock and Sleep timer clocks are
asynchronous with a non-integer clock
ratio there will be an error of maximum ±1
in calculated timer value compared to the
ideal timer value.
Calculation of new timer value and
overflow count value
ue
epTimerVal
CurrentSle
N
c =
e
pTimerValu
StoredSlee
N
s =
5625
.
976
=
= ClockRatio
K
ck
4
24
=
=
Width
SleepTimer
stw
Period
Timer
P
2
=
Value
rflowCount
CurrentOve
O
c =
erValue
CurrentTim
T
c =
75
=
= Overhead
T
OH
s
c
t
N
N
N
−
=
t
d
t
t
stw
d
t
N
N
N
N
N
N
=
⇒
>
+
=
⇒
≤
0
;
2
0
OH
C
ck
d
T
T
K
N
C
+
+
⋅
=
(Rounded
to
nearest integer value)
P
C
T
mod
=
(
)
C
O
P
T
C
O
+
−
=
T
Value
Timer
=
2
O
unt
OverflowCo
Timer
=
2
13.4.5 Timer 2 Registers
The SFR registers associated with Timer 2
are listed in this section. These registers
are the following:
•
T2CNF – Timer 2 Configuration
•
T2HD – Timer 2 Count/Delta High
•
T2LD – Timer 2 Count/Delta Low
•
T2CMP – Timer 2 Compare
•
T2OF2 – Timer 2 Overflow Count 2
•
T2OF1 – Timer 2 Overflow Count 1
•
T2OF0 – Timer 2 Overflow Count 0
4
Clock ratio of MAC Timer clock
frequency (32 MHz) and Sleep timer clock
frequency (32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com