Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 115 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 115 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 111Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 112Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 113Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 114Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 115Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 116Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 117Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 118Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 115 of 232
T2OF1 (0xA2) – Timer 2 Overflow Count 1
Bit
Name
Reset
R/W
Description
7:0
OF1[7:0]
0x00
R/W
Overflow count. Middle bits T2OF[15:8]. T2OF is incremented by 1
each time the timer overflows i.e. timer counts to a value greater or
equal to period. When reading this register, the value read is the value
latched when T2OF0 was read. Writing to this register when the timer is
in IDLE or RUN states will force the overflow count to be set to the
value written to T2OF2:T2OF1:T2OF0. If the count would otherwise be
incremented by 1 when this register is written then 1 is added to the
value written. The value written will not take effect until T2OF2 is written.
T2OF0 (0xA1) – Timer 2 Overflow Count 0
Bit
Name
Reset
R/W
Description
7:0
OF0[7:0]
0x00
R/W
Overflow count. Low bits T2OF[7:0]. T2OF is incremented by 1 each
time the timer overflows i.e. timer counts to a value greater or equal to
period. Writing to this register when the timer is in IDLE or RUN states
will force the overflow count to be set to the value written to
T2OF2:T2OF1:T2OF0. If the count would otherwise be incremented by
1 when this register is written then 1 is added to the value written. The
value written will not take effect until T2OF2 is written.
T2CAPHPH (0xA5) – Timer 2 Period High Byte
Bit
Name
Reset
R/W
Description
7:0
CAPHPH[7:0]
0xFF
R/
Capture value high/timer period high. Writing this register sets the high
order bits [15:8] of the timer period. Reading this register gives the high
order bits [15:8] of the timer value at the last capture event.
T2CAPLPL (0xA4) – Timer 2 Period Low Byte
Bit
Name
Reset
R/W
Description
7:0
CAPLPL[7:0]
0xFF
R/W
Capture value low/timer period low. Writing this register sets the low
order bits [7:0] of the timer period. Reading this register gives the low
order bits [7:0] of the timer value at the last capture event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com