Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 117 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 117 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 113Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 114Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 115Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 116Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 117Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 118Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 119Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 120Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 117 of 232
13.5 Sleep Timer
The Sleep timer is used to set the period
between when the system enters and exits
low-power sleep modes.
The Sleep timer is also used to maintain
timing in Timer 2 (MAC Timer) when
entering a low-power sleep mode.
The main features of the Sleep timer are
the following:
•
24-bit timer up-counter operating
at 32.768 kHz clock
•
24-bit compare
•
Low-power mode operation in
PM2
•
Interrupt and DMA trigger
13.5.1 Timer Operation
This section describes the operation of the
timer.
13.5.1.1 General
The Sleep timer is a 24-bit timer running
on the 32.768 kHz clock. The timer starts
running immediately after a reset and
continues to run uninterrupted. The current
value of the timer can be read from the
SFR registers ST2:ST1:ST0.
13.5.1.2 Timer Compare
A timer compare occurs when the timer
value is equal to the 24-bit compare value.
The compare value is set by writing to the
registers ST2:ST1:ST0. When a timer
compare occurs the interrupt flag STIF
(interrupt 5) is asserted.
The interrupt enable bit for the ST interrupt
is IEN0.STIE and the interrupt flag is
IRCON.STIF.
When operating in power modes PM1 or
PM2, the Sleep timer will be running and
the Sleep timer compare event is used to
wake up the device and return to active
operation in PM0.
The default value of the compare value
after reset is 0xFFFFFF.
The Sleep timer compare can also be
used as a DMA trigger (DMA trigger 9 in
Table 37).
ST2 (0x97) – Sleep Timer 2
Bit
Name
Reset
R/W
Description
7:0
ST2[7:0]
0x00
R/W
Sleep timer count/compare value. When read, this register returns the
high bits [23:16] of the sleep timer count. When writing this register sets
the high bits [23:16] of the compare value. The value read is latched at
the time of reading register ST0. The value written is latched when ST0
is written.
ST1 (0x96) – Sleep Timer 1
Bit
Name
Reset
R/W
Description
7:0
ST1[7:0]
0x00
R/W
Sleep timer count/compare value. When read, this register returns the
middle bits [15:8] of the sleep timer count. When writing this register
sets the middle bits [15:8] of the compare value. The value read is
latched at the time of reading register ST0. The value written is latched
when ST0 is written.
ST0 (0x95) – Sleep Timer 0
Bit
Name
Reset
R/W
Description
7:0
ST0[7:0]
0x00
R/W
Sleep timer count/compare value. When read, this register returns the
low bits [7:0] of the sleep timer count. When writing this register sets the
low bits [7:0] of the compare value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com