Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 203 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 203 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 199Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 200Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 201Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 202Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 203Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 204Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 205Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 206Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 203 of 232
14.35 Radio Registers
This section describes all RF registers
used for control and status for the radio.
The RF registers reside in XDATA memory
space. Table 45 gives an overview of
register addresses while the remaining
tables in this section describe each
register. Refer also to section 3 for
Register conventions.
Table 45 : Overview of RF registers
XDATA
Address
Register name
Description
0xDF00-
0xDF01
-
Reserved
0xDF02
MDMCTRL0H
Modem Control 0, high
0xDF03
MDMCTRL0L
Modem Control 0, low
0xDF04
MDMCTRL1H
Modem Control 1, high
0xDF05
MDMCTRL1L
Modem Control 1, low
0xDF06
RSSIH
RSSI and CCA Status and Control, high
0xDF07
RSSIL
RSSI and CCA Status and Control, low
0xDF08
SYNCWORDH
Synchronisation Word Control, high
0xDF09
SYNCWORDL
Synchronisation Word Control, low
0xDF0A
TXCTRLH
Transmit Control, high
0xDF0B
TXCTRLL
Transmit Control, low
0xDF0C
RXCTRL0H
Receive Control 0, high
0xDF0D
RXCTRL0L
Receive Control 0, low
0xDF0E
RXCTRL1H
Receive Control 1, high
0xDF0F
RXCTRL1L
Receive Control 1, low
0xDF10
FSCTRLH
Frequency Synthesizer Control and Status, high
0xDF11
FSCTRLL
Frequency Synthesizer Control and Status, low
0xDF12
CSPX
CSP X Data
0xDF13
CSPY
CSP Y Data
0xDF14
CSPZ
CSP Z Data
0xDF15
CSPCTRL
CSP Control
0xDF16
CSPT
CSP T Data
0xDF17
RFPWR
RF Power Control
0xDF20
FSMTCH
Finite State Machine Time Constants, high
0xDF21
FSMTCL
Finite State Machine Time Constants, low
0xDF22
MANANDH
Manual AND Override, high
0xDF23
MANANDL
Manual AND Override, low
0xDF24
MANORH
Manual OR Override, high
0xDF25
MANORL
Manual OR Override, low
0xDF26
AGCCTRLH
AGC Control, high
0xDF27
AGCCTRLL
AGC Control, low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com