Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 206 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 206 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 202Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 203Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 204Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 205Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 206Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 207Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 208Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 209Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 206 of 232
Bit
Name
Reset
R/W
Description
7
SLOTTED_ACK
0
R/W
SLOTTED_ACK defines the timing of automatically
transmitted acknowledgment frames.
0 : The acknowledgment frame is transmitted 12 symbol
periods after the incoming frame.
1 : The acknowledgment frame is transmitted between 12
and 30 symbol periods after the incoming frame. The timing
is defined such that there is an integer number of 20-symbol
periods between the received and the transmitted SFDs.
This may be used to transmit slotted acknowledgment
frames in a beacon enabled network.
6
-
0
R/W
Reserved
5
CORR_THR_SFD
1
R/W
CORR_THR_SFD defines the level at which the
CORR_THR correlation threshold is used to filter out
received frames.
0 : Same filtering as CC2420, should be combined with a
CORR_THR of 0x14
1 : More extensive filtering is performed, which will result in
less false frame detections e.g. caused by noise.
4:0
CORR_THR[4:0]
0x10
R/W
Demodulator correlator threshold value, required before
SFD search.
Table 48: Register MDMCTRL1H (0xDF04)
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Reserved, read as 0.
5
DEMOD_AVG_MODE
0
R/W
DC average filter behavior.
0 : Lock DC level to be removed after preamble match
1 : Continuously update DC average level.
4
MODULATION_MODE
0
R/W
Set one of two RF modulation modes for RX / TX
0 : IEEE 802.15.4 compliant mode
1 : Reversed phase, non-IEEE compliant (could be used to
set up a system which will not receive 802.15.4 packets)
3:2
TX_MODE[1:0]
00
R/W
Set test modes for TX
00 : Normal operation, transmit TXFIFO
01 : Serial mode, use transmit data on serial interface,
infinite transmission.
10 : TXFIFO looping ignore underflow in TXFIFO and read
cyclic, infinite transmission.
11 : Send random data from CRC, infinite transmission.
1:0
RX_MODE[1:0]
00
R/W
Set test mode of RX
00 : Normal operation, use RXFIFO
01 : Receive serial mode, output received data on pins.
Infinite RX.
10 : RXFIFO looping ignore overflow in RXFIFO and write
cyclic, infinite reception.
11 : Reserved
Table 49: Register MDMCTRL1L (0xDF05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com