Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 209 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 209 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 205Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 206Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 207Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 208Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 209Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 210Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 211Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 212Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 209 of 232
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Reserved, read as 0.
5:4
RXMIXBUF_CUR[1:0]
01
R/W
RX mixer buffer bias current.
00 : 690 uA
01 : 980 uA (nominal)
10 : 1.16 mA
11 : 1.44 mA
3:2
HIGH_LNA_GAIN[1:0]
0
R/W
Controls current in the LNA gain compensation branch in
AGC High gain mode.
00 : Compensation disabled
01 : 100 µA compensation current
10 : 300 µA compensation current (Nominal)
11 : 1000 µA compensation current
1:0
MED_LNA_GAIN[1:0]
10
R/W
Controls current in the LNA gain compensation branch in
AGC Med gain mode.
Table 56: Register RXCTRL0H (0xDF0C)
Bit
Name
Reset
R/W
Description
7:6
LOW_LNA_GAIN[1:0]
11
R/W
Controls current in the LNA gain compensation branch in
AGC Low gain mode
5:4
HIGH_LNA_CURRENT[1:0]
10
R/W
Controls main current in the LNA in AGC High gain mode
00 : 240 µA LNA current (x2)
01 : 480 µA LNA current (x2)
10 : 640 µA LNA current (x2)
11 : 1280 µA LNA current (x2)
3:2
MED_LNA_CURRENT[1:0]
01
R/W
Controls main current in the LNA in AGC Med gain mode
1:0
LOW_LNA_CURRENT[1:0]
01
R/W
Controls main current in the LNA in AGC Low gain mode
Table 57: Register RXCTRL0L (0xDF0D)
Bit
Name
Reset
R/W
Description
7:6
-
0
R0
Reserved, read as 0.
5
RXBPF_LOCUR
1
R/W
Controls reference bias current to RX band-pass filters:
0 : 4 uA
1 : 3 uA (Default)
4
RXBPF_MIDCUR
0
R/W
Controls reference bias current to RX band-pass filters:
0 : 4 uA (Default)
1 : 3.5 uA
3
LOW_LOWGAIN
1
R/W
LNA low gain mode setting in AGC low gain mode.
2
MED_LOWGAIN
0
R/W
LNA low gain mode setting in AGC medium gain mode.
1
HIGH_HGM
1
R/W
RX Mixers high gain mode setting in AGC high gain mode.
0
MED_HGM
0
R/W
RX Mixers high gain mode setting in AGC medium gain
mode.
Table 58: Register RXCTRL1H (0xDF0E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com