Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 217 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 217 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 213Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 214Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 215Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 216Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 217Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 218Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 219Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 220Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 217 of 232
Bit
Name
Reset
R/W
Description
7
-
0
R0
Reserved, read as 0.
6:4
DAC_SRC[2:0]
000
R/W
The TX DACs data source is selected by DAC_SRC
according to:
000 : Normal operation (from modulator).
001 : The DAC_I_O and DAC_Q_O override values below.-
010 : From ADC, most significant bits
011 : I/Q after digital down mix and channel filtering.
100 : Full-spectrum White Noise (from CRC)
101 : From ADC, least significant bits
110 : RSSI / Cordic Magnitude Output
111 : HSSD module.
This feature will often require the DACs to be manually
turned on in MANOVR and
PAMTST.ATESTMOD_MODE=4.
3:0
DAC_I_O[5:2]
000
R/W
I-branch DAC override value.
Table 79: Register DACTSTH (0xDF3C)
Bit
Name
Reset
R/W
Description
7:6
DAC_I_O[1:0]
00
R/W
I-branch DAC override value.
5:0
DAC_Q_O[5:0]
0x00
R/W
Q-branch DAC override value.
Table 80: Register DACTSTL (0xDF3D)
Bit
Name
Reset
R/W
Description
7:0
IEEE_ADDR0[7:0]
0x00
R/W
IEEE ADDR byte 0
Table 81: Register IEEE_ADDR0 (0xDF43)
Bit
Name
Reset
R/W
Description
7:0
IEEE_ADDR1[7:0]
0x00
R/W
IEEE ADDR byte 1
Table 82: Register IEEE_ADDR1 (0xDF44)
Bit
Name
Reset
R/W
Description
7:0
IEEE_ADDR2[7:0]
0x00
R/W
IEEE ADDR byte 2
Table 83: Register IEEE_ADDR2 (0xDF45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com