Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 219 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 219 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 215Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 216Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 217Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 218Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 219Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 220Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 221Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 222Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 219 of 232
Bit
Name
Reset
R/W
Description
7
-
0
R0
Reserved, read as 0.
6:0
FIFOP_THR[6:0]
0x40
R/W
Sets the number of bytes in RXFIFO that is required for
FIFOP to go high.
Table 93: Register IOCFG0 (0xDF4F)
Bit
Name
Reset
R/W
Description
7
-
0
R0
Reserved, read as 0.
6
OE_CCA
0
R/W
CCA is output on P1.7 when this bit is 1
5
IO_CCA_POL
0
R/W
Polarity of the IO_CCA signal. This bit is xor’ed with the
internal CCA signal.
4:0
IO_CCA_SEL
000000
R/W
Multiplexer setting for the CCA signal. Must be 0x00 in
order to output the CCA status.
Table 94: Register IOCFG1 (0xDF50)
Bit
Name
Reset
R/W
Description
7
-
0
R0
Reserved, read as 0.
6
OE_SFD
0
R/W
SFD is output on P1.6 when this bit is 1
5
IO_SFD_POL
0
R/W
Polarity of the IO_SFD signal. This bit is xor’ed with the
internal SFD signal.
4:0
IO_SFD_SEL
000000
R/W
Multiplexer setting for the SFD signal. Must be 0x00 in order
to output the SFD status
Table 95: Register IOCFG2 (0xDF51)
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Reserved, read as 0.
5:4
HSSD_SRC
00
R/W
Configures the HSSD interface. Only the first 4 settings
(compared to CC2420) are used.
00 : Off
01 : Output AGC status (gain setting/peak detector
status/accumulator value)
10 : Output ADC I and Q values
11 : Output I/Q after digital down mix and channel filtering
3
OE_FIFOP
0
R/W
FIFOP is output on P1.5 when this bit is 1.
2
IO_FIFOP_POL
0
R/W
Polarity of the IO_FIFOP signal. This bit is xor’ed with the
internal FIFOP signal
1
OE_FIFO
0
R/W
FIFO is output on P1.4 when this bit is 1
0
IO_FIFO_POL
0
R/W
Polarity of the IO_FIFO signal. This bit is xor’ed with the
internal FIFO signal
Table 96: Register IOCFG3 (0xDF52)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com