Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 227 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 227 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 223Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 224Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 225Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 226Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 227Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 228Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 229Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 230Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 227 of 232
19 Package Description (QLP 48)
All dimensions are in millimeters, angles in degrees. NOTE: The
CC2430 is available in RoHS
lead-free package only. Compliant with JEDEC MS-020.
Figure 59: Package dimensions drawing
Quad Leadless Package (QLP)
D
D1
E
E1
e
b
L
D2
E2
QLP 48
Min
Max
6.9
7.0
7.1
6.65
6.75
6.85
6.9
7.0
7.1
6.65
6.75
6.85
0.5
0.18
0.30
0.3
0.4
0.5
5.05
5.10
5.15
5.05
5.10
5.15
The overall package height is 0.85 +/- 0.05
All dimensions in mm
Table 102: Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com