Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F128Z Datasheet(PDF) 229 Page - Texas Instruments

Part # CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Datasheet(HTML) 229 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 225Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 226Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 227Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 228Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 229Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 230Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 231Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 232Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 229 of 232
19.5 Carrier tape and reel specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QLP 48
16mm
12mm
4mm
13 inches
2500
Table 105: Carrier tape and reel specification
20 Ordering Information
Ordering part number
Ti-Part
Chipcon Part
Description
MOQ
CC2430F-128RTC
CC2430-RTB1-F128
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, 64 Kbytes in-system programmable
flash memory, System-on-chip RF transceiver.
43
CC2430F-128RTCR
CC2430-RTR1-F128
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
T&R with 2500 pcs per reel, 64 Kbytes in-system
programmable flash memory, System-on-chip RF transceiver.
2,500
CC2430F-128ZRTC
CC2430-RTB1-F128Z
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, 64 Kbytes in-system programmable
flash memory, System-on-chip RF transceiver, Including licence
fee.
43
CC2430F-128ZRTCR
CC2430-RTR1-F128Z
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
T&R with 2500 pcs per reel, 64 Kbytes in-system
programmable flash memory, System-on-chip RF transceiver,
Including licence fee.
2,500
CC2430F-64RTC
CC2430-RTB1-F64
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, 64 Kbytes in-system programmable
flash memory, System-on-chip RF transceiver.
43
CC2430F-64RTCR
CC2430-RTR1-F64
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
T&R with 2500 pcs per reel, 64 Kbytes in-system
programmable flash memory, System-on-chip RF transceiver.
2,500
CC2430F64ZRTC
CC2430-RTB1-F64Z
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, 64 Kbytes in-system programmable
flash memory, System-on-chip RF transceiver, Including licence
fee.
43
CC2430F-64ZRTCR
CC2430-RTR1-F64Z
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
T&R with 2500 pcs per reel, 64 Kbytes in-system
programmable flash memory, System-on-chip RF transceiver,
Including licence fee.
2,500
CC2430F-32RTC
CC2430-RTB1-F32
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, 32 Kbytes in-system programmable
flash memory, System-on-chip RF transceiver.
43
CC2430F-32RTCR
CC2430-RTR1-F32
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
T&R with 2500 pcs per reel, 32 Kbytes in-system
programmable flash memory, System-on-chip RF transceiver.
2,500
CC2430F-32ZRTC
CC2430-RTB1-F32Z
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, 32 Kbytes in-system programmable
flash memory, System-on-chip RF transceiver, Including licence
fee.
43
CC2430F-32ZRTCR
CC2430-RTR1-F32Z
CC2430, QLP48 package, RoHS compliant Pb-free assembly,
T&R with 2500 pcs per reel, 32 Kbytes in-system
2,500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com