Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 130 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 130 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 126Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 127Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 128Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 129Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 130Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 131Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 132Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 133Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 130 of 232
ADCH (0xBB) – ADC Data High
Bit
Name
Reset
R/W
Description
7:0
ADC[13:6]
0x00
R
Most significant part of ADC conversion result.
ADCCON1 (0xB4) – ADC Control 1
Bit
Name
Reset
R/W
Description
7
EOC
0
R
H0
End of conversion Cleared when both ADCH and ADCL has been
read. If a new conversion is completed before the previous data
has been read, the EOC bit will remain high.
0
conversion not complete
1
conversion completed
6
ST
0
R/W1
Start conversion. Read as 1 until conversion has completed
0
no conversion in progress
1
start a conversion sequence if ADCCON1.STSEL = “11” and
no sequence is running.
5:4
STSEL[1:0]
11
R/W
Start select. Selects which event that will start a new conversion
sequence.
00
External trigger on P2_0 pin.
01
Full speed. Do not wait for triggers.
10
Timer 1 channel 0 compare event
11
ADCCON1.ST = 1
3:2
RCTRL[1:0]
00
R/W
Controls the 16 bit random number generator. When written 01,
the setting will automatically return to 00 when operation has
completed.
00
Normal operation. (13x unrolling)
01
Clock the LFSR once (no unrolling).
10
Reserved
11
Stopped. Random number generator is turned off.
1:0
-
11
R/W
Reserved. Always set to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com