Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 132 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 132 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 128Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 129Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 130Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 131Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 132Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 133Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 134Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 135Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 132 of 232
ADCCON3 (0xB6) – ADC Control 3
Bit
Name
Reset
R/W
Description
Selects reference voltage used for the extra conversion
00
Internal 1.25V reference
01
External reference on AIN7 pin
10
AVDD_SOC pin
7:6
EREF[1:0]
00
R/W
11
External reference on AIN6-AIN7 differential input
Sets the decimation rate used for the extra conversion. The
decimation rate also determines the resolution and time required to
complete the conversion.
00
64 dec rate (8 bits resolution)
01
128 dec rate (10 bits resolution)
10
256 dec rate (12 bits resolution)
5:4
EDIV[1:0]
00
R/W
11
512 dec rate (13 bits resolution)
Extra channel select. Selects the channel number of the extra
conversion that is carried out after a conversion sequence has
ended. This bit field must be written for an extra conversion to be
performed. If the ADC is not running, writing to these bits will
trigger an immediate single conversion from the selected extra
channel. The bits are automatically cleared when the extra
conversion has finished.
0000
AIN0
0001
AIN1
0010
AIN2
0011
AIN3
0100
AIN4
0101
AIN5
0110
AIN6
0111
AIN7
1000
AIN0-AIN1
1001
AIN2-AIN3
1010
AIN4-AIN5
1011
AIN6-AIN7
1100
GND
1101
Positive voltage reference
1110
Temperature sensor
3:0
ECH[3:0]
0000
R/W
1111
VDD/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com