Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 135 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 135 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 131Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 132Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 133Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 134Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 135Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 136Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 137Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 138Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 135 of 232
13.9 AES Coprocessor
The
CC2430 data encryption is performed
using a dedicated coprocessor which
supports
the
Advanced
Encryption
Standard, AES. The coprocessor allows
encryption/decryption to be performed with
minimal CPU usage.
The
coprocessor
has
the
following
features:
•
Supports all security suites in IEEE
802.15.4
•
ECB, CBC, CFB, OFB, CTR and CBC-
MAC modes.
•
Hardware support for CCM mode
•
128-bits key and IV/Nonce
•
DMA transfer trigger capability
13.9.1 AES Operation
To encrypt a message, the following
procedure must be followed:
•
Load key
•
Load initialization vector (IV)
•
Download
and
upload
data
for
encryption/decryption.
The AES coprocessor works on blocks of
128 bits. A block of data is loaded into the
coprocessor, encryption is performed and
the result must be read out before the next
block can be processed. Before each
block load, a dedicated start command
must be sent to the coprocessor.
13.9.2 Key and IV
Before a key or IV/nonce load starts, an
appropriate
load
key
or
IV/nonce
command
must
be
issued
to
the
coprocessor. When loading the IV it is
important to also set the correct mode.
A key load or IV load operation aborts any
processing that could be running.
The key, once loaded, stays valid until a
key reload takes place.
The IV must be downloaded before the
beginning of each message (not block).
Both key and IV values are cleared by a
reset of the
CC2430 .
13.9.3 Padding of input data
The AES coprocessor works on blocks of
128 bits. If the last block contains less
than 128 bits, it must be padded with
zeros when written to the coprocessor.
13.9.4 Interface to CPU
The
CPU
communicates
with
the
coprocessor using three SFR registers:
•
ENCCS, Encryption control and status
register
•
ENCDI, Encryption input register
•
ENCDO, Encryption output register
Read/write to the status register is done
directly by the CPU, while access to the
input/output registers must be performed
using direct memory access (DMA).
Two DMA channels must be used, one for
input data and one for output data. The
DMA channels must be initialized before a
start command is written to the ENCCS.
Writing a start command generates a DMA
trigger and the transfer is started. After
each block is processed, an interrupt is
generated. The interrupt is used to issue a
new start command to the ENCCS.
13.9.5 Modes of operation
ECB and CBC modes are performed as
described in section 13.9.1
When using CFB, OFB and CTR mode,
the 128 bits blocks are divided into four 32
bit blocks. 32 bits are loaded into the AES
coprocessor and the resulting 32 bits are
read out. This continues until all 128 bits
have been encrypted. The only time one
has to consider this is if data is
loaded/read directly using the CPU. When
using DMA, this is handled automatically
by the DMA triggers generated by the AES
coprocessor.
Both
encryption
and
decryption
are
performed similarly.
The CBC-MAC mode is a variant of the
CBC mode. When performing CBC-MAC,
data is downloaded to the coprocessor
one 128 bits block at a time, except for the
last block. Before the last block is loaded,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com