Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 156 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 156 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 152Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 153Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 154Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 155Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 156Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 157Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 159Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 156 of 232
U1GCR (0xFC) – USART 1 Generic Control
Bit
Name
Reset
R/W
Description
SPI clock polarity
0
Negative clock polarity
7
CPOL
0
R/W
1
Positive clock polarity
SPI clock phase
0
Data is output on MOSI when SCK goes from CPOL inverted
to CPOL, and data input is sampled on MISO when SCK goes
from CPOL to CPOL inverted.
6
CPHA
0
R/W
1
Data is output on MOSI when SCK goes from CPOL to CPOL
inverted, and data input is sampled on MISO when SCK goes
from CPOL inverted to CPOL.
Bit order for transfers
0
LSB first
5
ORDER
0
R/W
1
MSB first
4:0
BAUD_E[4:0]
0x00
R/W
Baud rate exponent value. BAUD_E along with BAUD_M decides
the UART baud rate and the SPI master SCK clock frequency
U1DBUF (0xF9) – USART 1 Receive/Transmit Data Buffer
Bit
Name
Reset
R/W
Description
7:0
DATA[7:0]
0x00
R/W
USART receive and transmit data. When writing this register the
data written is written to the internal, transmit data register. When
reading this register, the data from the internal read data register is
read.
U1BAUD (0xFA) – USART 1 Baud Rate Control
Bit
Name
Reset
R/W
Description
7:0
BAUD_M[7:0]
0x00
R/W
Baud rate mantissa value. BAUD_E along with BAUD_M decides
the UART baud rate and the SPI master SCK clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com