Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 158 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 158 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 154Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 155Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 156Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 157Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 159Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 160Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 161Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 158 of 232
Setup DMA channel:
SRCADDR=<XDATA location>
DESTADDRR=FWDATA
VLEN=0
LEN=<block size>
WORDSIZE=byte
TMODE=single mode
TRIG=FLASH
SRCINC=yes
DESTINC=no
IRQMASK=yes
M8=0
PRIORITY=high
Arm DMA Channel
Start flash write
Setup flash address
; Write a consecutive block of data from XDATA to consecutive locations in
; flash memory using DMA
; Assumes 32 MHz system clock is used
;
MOV
DPTR,#DMACFG
;load data pointer with address for DMA
;channel configuration and
;start writing DMA configuration
MOV
A,#SRC_HI
;source data high address
MOVX
@DPTR,A
;
INC
DPTR
;
MOV
A,#SRC_LO
;source data low address
MOVX
@DPTR,A
;
INC
DPTR
;
MOV
A,#0DFh
;destination high address = HIGH(X_FWDATA)
MOVX
@DPTR,A
;
INC
DPTR
;
MOV
A,#0AFh
;destination low address = LOW(X_FWDATA)
MOVX
@DPTR,A
;
INC
DPTR
;
MOV
A,#BLK_LEN
;block length
MOVX
@DPTR,A
;
INC
DPTR
;
MOV
A,#012h
;8 bits, single mode, use FLASH trigger
MOVX
@DPTR,A
;
INC
DPTR
;
MOV
A,#042h
;increment source by 1, don’t increment
MOVX
@DPTR,A
;destination, mask interrupt, high DMA
;priority
MOV
DMA0CFGL,#DMACFG_LO ;setup start address for current DMA
MOV
DMA0CFGH,#DMACFG_HI ;configuration
MOV
DMAARM,#01h
;arm DMA channel 0
MOV
FADDRH,#00h
;setup flash address high
MOV
FADDRL,#01h
;setup flash address low
MOV
FWT,#2Ah
;setup flash timing
MOV
FCTL,#02h
;start flash page write => trigger DMA
.
.
Figure 34: Flash write using DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com